Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54GTL16612 Datasheet (PDF) - Texas Instruments

SN54GTL16612 Datasheet PDF - Texas Instruments
Part # SN54GTL16612
Download  SN54GTL16612 Download
File Size   584.91 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS

SN54GTL16612 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54GTL16612 Datasheet PDF - Texas Instruments

Part # SN54GTL16612
Download  SN54GTL16612 Click to download

File Size   584.91 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS

SN54GTL16612 Datasheet (HTML) - Texas Instruments


SN54GTL16612 Product details

FEATURES
· Members of Texas Instruments Widebus™
Family
· UBT™ Transceivers Combine D-Type Latches
and D-Type Flip-Flops for Operation in
Transparent, Latched, Clocked, or
Clock-Enabled Modes
· OEC™ Circuitry Improves Signal Integrity and
Reduces Electromagnetic Interference
· Translate Between GTL/GTL+ Signal Levels
and LVTTL Logic Levels
· Support Mixed-Mode (3.3 V and 5 V) Signal
Operation on A-Port and Control Inputs
· Identical to '16601 Function
· Ioff Supports Partial-Power-Down Mode
Operation
· Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors on
A Port
· Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
· Latch-Up Performance Exceeds 500 mA Per
JESD 17

DESCRIPTION/ORDERING INFORMATION
The 'GTL16612 devices are 18-bit UBT™ transceivers that provide LVTTL-to-GTL/GTL+ and
GTL/GTL+-to-LVTTL signal-level translation. They combine D-type flip-flops and D-type latches to allow for
transparent, latched, clocked, and clock-enabled modes of data transfer identical to the '16601 function. The
devices provide an interface between cards operating at LVTTL logic levels and a backplane operating at
GTL/GTL+ signal levels. Higher-speed operation is a direct result of the reduced output swing (<1 V), reduced
input threshold levels, and OEC™ circuitry.
The user has the flexibility of using these devices at either GTL (VTT = 1.2 V and VREF = 0.8 V) or the preferred
higher noise margin GTL+ (VTT = 1.5 V and VREF = 1 V) signal levels. GTL+ is the Texas Instruments derivative
of the Gunning Transceiver Logic (GTL) JEDEC standard JESD 8-3. The B port normally operates at GTL or
GTL+ signal levels, while the A-port and control inputs are compatible with LVTTL logic levels and are 5-V
tolerant. VREF is the reference input voltage for the B port.
VCC (5 V) supplies the internal and GTL circuitry while VCC (3.3 V) supplies the LVTTL output buffers.
Data flow in each direction is controlled by output-enable (OEAB and OEBA), latch-enable(LEAB and LEBA), and
clock (CLKAB and CLKBA) inputs. The clock can be controlled by the clock-enable (CEAB and CEBA) inputs.
For A-to-B data flow, the devices operate in the transparent mode when LEAB is high. When LEAB is low, the A
data is latched if CEAB is low and CLKAB is held at a high or low logic level. If LEAB is low, the A data is stored
in the latch/flip-flop on the low-to-high transition of CLKAB if CEAB also is low. When OEAB is low, the outputs
are active. When OEAB is high, the outputs are in the high-impedance state. Data flow for B to A is similar to that
for A to B, but uses OEBA, LEBA, CLKBA, and CEBA.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.
Active bus-hold circuitry holds unused or undriven LVTTL inputs at a valid logic state. Use of pullup or pulldown
resistors with the bus-hold circuitry is not recommended.




Similar Part No. - SN54GTL16612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612AWD TI-SN54GTL16612AWD Datasheet
261Kb / 15P
18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612WD TI-SN54GTL16612WD Datasheet
193Kb / 13P
18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
More results


Similar Description - SN54GTL16612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com