Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HC10-EP Datasheet (PDF) - Texas Instruments

SN74HC10-EP Datasheet PDF - Texas Instruments
Part # SN74HC10-EP
Download  SN74HC10-EP Download
File Size   511.35 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE 3-INPUT POSITIVE-NAND GATE

SN74HC10-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HC10-EP Datasheet PDF - Texas Instruments

Part # SN74HC10-EP
Download  SN74HC10-EP Click to download

File Size   511.35 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE 3-INPUT POSITIVE-NAND GATE

SN74HC10-EP Datasheet (HTML) - Texas Instruments


SN74HC10-EP Product details

Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of
−40°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive Up To 10 LSTTL Loads
Low Power Consumption, 20-μA Max ICC
Typical tpd = 9 ns
±4-mA Output Drive at 5 V
Low Input Current of 1 μA Max

description/ordering information
The SN74HC10 device contains three independent 3-input NAND gates. It performs the Boolean function
Y = A • B • C or Y = A + B + C in positive logic.




Similar Part No. - SN74HC10-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI2-SN74HC10-EP Datasheet
442Kb / 20P
SN74HC10-Q1 Automotive Triple 3-Input NAND Gates
REVISED APRIL 2020
More results


Similar Description - SN74HC10-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
TRIPLE 3-INPUT POSITIVE-NAND GATE
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
Texas Instruments
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-Q1 TI1-SN74HC10-Q1 Datasheet
230Kb / 10P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ACT10-Q1 TI1-SN74ACT10-Q1 Datasheet
183Kb / 9P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ALVC10 TI1-SN74ALVC10_15 Datasheet
654Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10A TI1-SN74LVC10A_15 Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-NAND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com