Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC139 Datasheet (PDF) - Texas Instruments

SN54HC139 Datasheet PDF - Texas Instruments
Part # SN54HC139
Download  SN54HC139 Download
File Size   399.3 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER

SN54HC139 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC139 Datasheet PDF - Texas Instruments

Part # SN54HC139
Download  SN54HC139 Click to download

File Size   399.3 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER

SN54HC139 Datasheet (HTML) - Texas Instruments


SN54HC139 Product details

Qualified for Automotive Applications
Targeted Specifically for High-Speed
Memory Decoders and Data-Transmission
Systems
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive up to Ten LSTTL Loads
Low Power Consumption, 80-μA Max ICC
Typical tpd = 10 ns
±4-mA Output Drive at 5 V
Low Input Current of 1 μA Max
Incorporate Two Enable Inputs to Simplify
Cascading and/or Data Reception
ESD Protection Level per AEC-Q100
Classification
− 2000-V (H2) Human-Body Model
− 200-V (M3) Machine Model
− 1000-V (C5) Charged-Device Model

description/ordering information
The SN74HC139 device is designed for
high-performance memory-decoding or data-routing
applications requiring very short propagation delay
times. In high-performance memory systems, this
decoder can minimize the effects of system
decoding. When employed with high-speed
memories utilizing a fast enable circuit, the delay time
of this decoder and the enable time of the memory
usually are less than the typical access time of the
memory. This means that the effective system delay
introduced by the decoder is negligible.
The SN74HC139 device comprises two individual 2-line to 4-line decoders in a single package. The active-low
enable (G) input can be used as a data line in demultiplexing applications. This decoder/demultiplexer features
fully buffered inputs, each of which represents only one normalized load to its driving circuit.




Similar Part No. - SN54HC139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139 Datasheet
678Kb / 18P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139 Datasheet
540Kb / 16P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI1-SN54HC139 Datasheet
914Kb / 22P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139-SP TI1-SN54HC139-SP Datasheet
914Kb / 22P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Similar Description - SN54HC139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
Dual 2-to-4-Line Decoder/Demultiplexer
SN74ALS155 TI-SN74ALS155 Datasheet
42Kb / 4P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A Datasheet
346Kb / 15P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_07 Datasheet
1Mb / 30P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74AC11239 TI-74AC11239 Datasheet
117Kb / 7P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_08 Datasheet
856Kb / 20P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74HC139-Q1 TI1-SN74HC139-Q1 Datasheet
246Kb / 9P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A-Q1 TI1-SN74LVC139A-Q1 Datasheet
236Kb / 10P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139 TI1-74ACT11139_15 Datasheet
892Kb / 15P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com