Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC163 Datasheet (PDF) - Texas Instruments

SN54HC163 Datasheet PDF - Texas Instruments
Part # SN54HC163
Download  SN54HC163 Download
File Size   439.05 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT SYNCHRONOUS BINARY COUNTER

SN54HC163 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC163 Datasheet PDF - Texas Instruments

Part # SN54HC163
Download  SN54HC163 Click to download

File Size   439.05 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT SYNCHRONOUS BINARY COUNTER

SN54HC163 Datasheet (HTML) - Texas Instruments


SN54HC163 Product details

Qualified for Automotive Applications
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive Up To 10 LSTTL Loads
Low Power Consumption, 80-μA Max ICC
Typical tpd = 14 ns
4-mA Output Drive at 5 V
Low Input Current of 1 μA Max
Internal Look-Ahead for Fast Counting
Carry Output for n-Bit Cascading
Synchronous Counting
Synchronously Programmable

description/ordering information
This synchronous, presettable counter features an
internal carry look-ahead for application in
high-speed counting designs. The SN74HC163 is a
4-bit binary counter. Synchronous operation is
provided by having all flip-flops clocked
simultaneously so that the outputs change coincident with each other when instructed by the count-enable
(ENP, ENT) inputs and internal gating. This mode of operation eliminates the output counting spikes normally
associated with synchronous (ripple-clock) counters. A buffered clock (CLK) input triggers the four flip-flops on
the rising (positive-going) edge of the clock waveform.
This counter is fully programmable; that is, it can be preset to any number between 0 and 9 or 15. As presetting
is synchronous, setting up a low level at the load input disables the counter and causes the outputs to agree
with the setup data after the next clock pulse, regardless of the levels of the enable inputs.
The clear function for the SN74HC163 is synchronous. A low level at the clear (CLR) input sets all four of the
flip-flop outputs low after the next low-to-high transition of CLK, regardless of the levels of the enable inputs.
This synchronous clear allows the count length to be modified easily by decoding the Q outputs for the maximum
count desired. The active-low output of the gate used for decoding is connected to CLR to synchronously clear
the counter to 0000 (LLLL).
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. ENP, ENT, and a ripple-carry output (RCO) are instrumental in accomplishing this function.
Both ENP and ENT must be high to count, and ENT is fed forward to enable RCO. Enabling RCO produces a
high-level pulse while the count is maximum (9 or 15 with QA high). This high-level overflow ripple-carry pulse
can be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed, regardless of the
level of CLK.




Similar Part No. - SN54HC163

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
300Kb / 15P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC163 TI1-SN54HC163 Datasheet
965Kb / 27P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC163 TI1-SN54HC163 Datasheet
626Kb / 17P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC163FK TI-SN54HC163FK Datasheet
640Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Similar Description - SN54HC163

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F161A TI-SN74F161A Datasheet
124Kb / 9P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
SYNCHRONOUS 4-BIT BINARY COUNTER
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Texas Instruments
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A_07 Datasheet
434Kb / 17P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74HC163-Q1 TI1-SN74HC163-Q1 Datasheet
278Kb / 17P
4-BIT SYNCHRONOUS BINARY COUNTER
logo
NXP Semiconductors
74HC4520N NXP-74HC4520N Datasheet
52Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Texas Instruments
SN74F163A TI1-SN74F163A_16 Datasheet
700Kb / 17P
SYNCHRONOUS 4-BIT BINARY COUNTER
logo
Nexperia B.V. All right...
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com