Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC165 Datasheet (PDF) - Texas Instruments

SN54HC165 Datasheet PDF - Texas Instruments
Part # SN54HC165
Download  SN54HC165 Download
File Size   436.64 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT PARALLEL-LOAD SHIFT REGISTER

SN54HC165 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC165 Datasheet PDF - Texas Instruments

Part # SN54HC165
Download  SN54HC165 Click to download

File Size   436.64 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT PARALLEL-LOAD SHIFT REGISTER

SN54HC165 Datasheet (HTML) - Texas Instruments


SN54HC165 Product details

Qualified for Automotive Applications
ESD Protection Exceeds 1500 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive Up To 10 LSTTL Loads
Low Power Consumption, 80-μA Max ICC
Typical tpd = 13 ns
±4-mA Output Drive at 5 V
Low Input Current of 1 μA Max
Complementary Outputs
Direct Overriding Load (Data) Inputs
Gated Clock Inputs
Parallel-to-Serial Data Conversion

description/ordering information
The SN74HC165 is an 8-bit parallel-load shift register that, when clocked, shift the data toward a serial (QH)
output. Parallel-in access to each stage is provided by eight individual direct data (A−H) inputs that are enabled
by a low level at the shift/load (SH/LD) input. The SN74HC165 also features a clock-inhibit (CLK INH) function
and a complementary serial (QH) output.
Clocking is accomplished by a low-to-high transition of the clock (CLK) input while SH/LD is held high and CLK
INH is held low. The functions of CLK and CLK INH are interchangeable. Since a low CLK and a low-to-high
transition of CLK INH also accomplish clocking, CLK INH should be changed to the high level only while CLK
is high. Parallel loading is inhibited when SH/LD is held high. While SH/LD is low, the parallel inputs to the
register are enabled independently of the levels of the CLK, CLK INH, or serial (SER) inputs.




Similar Part No. - SN54HC165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54HC165 TI-SN54HC165 Datasheet
832Kb / 24P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54HC165 TI1-SN54HC165 Datasheet
854Kb / 17P
8-BIT PARALLEL-LOAD SHIFT REGISTER
SN54HC165FK TI-SN54HC165FK Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54HC165J TI-SN54HC165J Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results


Similar Description - SN54HC165

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
Parallel-load 8-bit Shift Register
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
Parallel-Load 8-bit Shift Register
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
8-BIT PARALLEL-LOAD SHIFT REGISTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com