Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HC595B Datasheet (PDF) - Texas Instruments

SN74HC595B Datasheet PDF - Texas Instruments
Part # SN74HC595B
Download  SN74HC595B Download
File Size   653.18 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HC595B 8-Bit Shift Registers With 3-State Output Registers

SN74HC595B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HC595B Datasheet PDF - Texas Instruments

Part # SN74HC595B
Download  SN74HC595B Click to download

File Size   653.18 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HC595B 8-Bit Shift Registers With 3-State Output Registers

SN74HC595B Datasheet (HTML) - Texas Instruments


SN74HC595B Product details

1 Features
1• 8-Bit Serial-In, Parallel-Out Shift Registers
• Available in Ultra Small Logic QFN package(0.5
mm max height)
• Over-Voltage Tolerant on Inputs Independent of
Vcc
• Wide Operating Voltage Range of 2 V to 6 V
• High-Current 3-State Outputs Can Drive Up to 15
LSTTL Loads
• Low Power Consumption: 80-μA (Maximum) ICC
• tpd = 13 ns (Typical)
• ±6-mA Output Drive at 5 V
• Low Input Current: 1 μA (Maximum)
• Shift Register Has Direct Clear
• -55oC to 125oC Operating Temperature

2 Applications
• Network Switches
• Factory Automation
• Mobile Wearables
• Industrial Building Automation
• Power Infrastructure
• LED Displays
• Servers

3 Description
The SN74HC595B devices contain an 8-bit, serial-in,
parallel-out shift register that feeds an 8-bit D-type
storage register. The storage register has parallel 3-
state outputs. Separate clocks are provided for both
the shift register and storage register. The shift
register has a direct overriding clear (SRCLR) input,
serial (SER) input, and serial outputs for cascading.
When the output-enable (OE) input is high, the all
outputs are in the high-impedance state except QH'.




Similar Part No. - SN74HC595B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
SN74HC595BRWNR TI1-SN74HC595BRWNR Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
More results


Similar Description - SN74HC595B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com