Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC273 Datasheet (PDF) - Texas Instruments

SN54HC273 Datasheet PDF - Texas Instruments
Part # SN54HC273
Download  SN54HC273 Download
File Size   671.62 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL D-TYPE FLIP-FLOP WITH CLEAR

SN54HC273 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC273 Datasheet PDF - Texas Instruments

Part # SN54HC273
Download  SN54HC273 Click to download

File Size   671.62 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL D-TYPE FLIP-FLOP WITH CLEAR

SN54HC273 Datasheet (HTML) - Texas Instruments


SN54HC273 Product details

Qualified for Automotive Applications
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive Up To 10 LSTTL Loads
Low Power Consumption, 160-μA Max ICC
Typical tpd = 13 ns
±4-mA Output Drive at 5 V
Low Input Current of 1 μA Max
Contain Eight Flip-Flops With Single-Rail
Outputs
Direct Clear Input
Individual Data Input to Each Flip-Flop
Applications Include:
− Buffer/Storage Registers
− Shift Registers
− Pattern Generators

description/ordering information
This circuit is a positive-edge-triggered D-type
flip-flop with a direct clear (CLR) input.
Information at the data (D) inputs meeting the setup
time requirements is transferred to the Q outputs on
the positive-going edge of the clock (CLK) pulse.
Clock triggering occurs at a particular voltage level and is not related directly to the transition time of the
positive-going pulse. When CLK is at either the high or low level, the D input has no effect at the output.




Similar Part No. - SN54HC273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
741Kb / 20P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI1-SN54HC273 Datasheet
1Mb / 32P
Octal D-Type Flip-Flops With Clear
SN54HC273-DIE TI1-SN54HC273-DIE Datasheet
106Kb / 5P
RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC273-DIE TI2-SN54HC273-DIE Datasheet
167Kb / 6P
RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-AND GATES
JUNE 2013
More results


Similar Description - SN54HC273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
May-1999
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Jul-2001
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
Octal D-Type Flip-Flop with Clear
logo
Diodes Incorporated
74LVC273A DIODES-74LVC273A Datasheet
465Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Rev 1
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
2019-01-31
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com