Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC74 Datasheet (PDF) - Texas Instruments

SN54HC74 Datasheet PDF - Texas Instruments
Part # SN54HC74
Download  SN54HC74 Download
File Size   432.48 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET

SN54HC74 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC74 Datasheet PDF - Texas Instruments

Part # SN54HC74
Download  SN54HC74 Click to download

File Size   432.48 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET

SN54HC74 Datasheet (HTML) - Texas Instruments


SN54HC74 Product details

1FEATURES
· Controlled Baseline
– One Assembly Site
– One Test Site
– One Fabrication Site
· Extended Temperature Performance of –55°C
to 125°C
· Enhanced Diminishing Manufacturing Sources
(DMS) Support
· Enhanced Product-Change Notification
· Qualification Pedigree (1)
· Wide Operating Voltage Range of 2 V to 6 V
· Outputs Can Drive up to 10 LSTTL Loads
· Low Power Consumption, 80 mA Max ICC
· Typical tpd = 15 ns
· ±4 mA Output Drive at 5 V
· Low Input Current of 1 mA Max

DESCRIPTION/ORDERING INFORMATION
The SN74HC74 device contains two independent D-type positive edge triggered flip-flops. A low level at the
preset (PRE) or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the other inputs. When
PRE and CLR are inactive (high), data at the data (D) input meeting the setup time requirements are transferred
to the outputs on the positive going edge of the clock (CLK) pulse. Clock triggering occurs at a voltage level and
is not directly related to the rise time of CLK. Following the hold time interval, data at the D input can be changed
without affecting the levels at the outputs.




Similar Part No. - SN54HC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
733Kb / 20P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI1-SN54HC74 Datasheet
164Kb / 15P
Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54HC74 TI1-SN54HC74 Datasheet
828Kb / 14P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN54HC74 TI2-SN54HC74 Datasheet
670Kb / 25P
SN74HC74-Q1 Automotive Qualified Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
REVISED APRIL 2020
More results


Similar Description - SN54HC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ALVC74 TI-SN74ALVC74 Datasheet
127Kb / 8P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com