Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T6826ST Datasheet (PDF) - TT Electronics.

T6826ST Datasheet PDF - TT Electronics.
Part # T6826ST
Download  T6826ST Download
File Size   330.52 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 24VDC 60WATT

T6826ST Datasheet (PDF)

Go To PDF Page Download Datasheet
T6826ST Datasheet PDF - TT Electronics.

Part # T6826ST
Download  T6826ST Click to download

File Size   330.52 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 24VDC 60WATT

T6826ST Datasheet (HTML) - TT Electronics.


T6826ST Product details

Features:
• European Fixed AC Head
• 1 Year Warranty
• Level VI Efficiency
• CE Approved
Description:
The Stontronics Range of Class II 60 Watt AC/DC European plug-in power supplies provide 60 Watts of continuous power in a compact fixed wall plug enclosure suitable for use in many general power applications.




Similar Part No. - T6826ST

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
T6820ST TTELEC-T6820ST Datasheet
289Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 5VDC 20WATT
22/06/2020
T6821ST TTELEC-T6821ST Datasheet
262Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 24VDC 24WATT
22/06/2020
T6822ST TTELEC-T6822ST Datasheet
261Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 36WATT
22/06/2020
T6823ST TTELEC-T6823ST Datasheet
352Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 60WATT
23/06/2020
T6824ST TTELEC-T6824ST Datasheet
290Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 60WATT
22/06/2020
More results


Similar Description - T6826ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2158H10C3 ETC2-2158H10C3 Datasheet
376Kb / 2P
CORDSET - EUROPEAN POWER SUPPLY CORD
2125H10C3 ETC2-2125H10C3 Datasheet
379Kb / 2P
CORDSET - EUROPEAN DETACHABLE POWER SUPPLY CORD
2112H10C3 ETC2-2112H10C3 Datasheet
398Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
2116H10C3 ETC2-2116H10C3 Datasheet
384Kb / 2P
CORDSET - CONTINENTAL EUROPEAN POWER SUPPLY CORD
1780110C3 ETC2-1780110C3 Datasheet
397Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN DETACHABLE POWER SUPPLY CORD
1785010C3 ETC2-1785010C3 Datasheet
386Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
17810326C3 ETC2-17810326C3 Datasheet
72Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD````
logo
Contec Co., Ltd
CPS-PWD-30AW24-01 CONTEC-CPS-PWD-30AW24-01 Datasheet
355Kb / 2P
24VDC AC-DC Power Supply Unit
CPS-PWD-90AW24-01 CONTEC-CPS-PWD-90AW24-01 Datasheet
372Kb / 2P
24VDC AC-DC Power Supply Unit
logo
CINCON ELECTRONICS Corp...
LDP60 CINCON-LDP60 Datasheet
294Kb / 3P
60WATT OUTPUT LED POWER SUPPLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com