Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2217014 Datasheet (PDF) - Coherent Corp

2217014 Datasheet PDF - Coherent Corp
Part # 2217014
Download  2217014 Download
File Size   625.11 Kbytes
Page   6 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description QD FIBER OPTIC CABLE

2217014 Datasheet (PDF)

Go To PDF Page Download Datasheet
2217014 Datasheet PDF - Coherent Corp

Part # 2217014
Download  2217014 Click to download

File Size   625.11 Kbytes
Page   6 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description QD FIBER OPTIC CABLE

2217014 Datasheet (HTML) - Coherent Corp


2217014 Product details

FEATURES
• 10 kW (CW)
• Mode-stripper
• AR-coated end cap
• Scattered light detection
• Superior power loss handling
• Round or square fiber core
• Plug-and-play within 10 μm
APPLICATIONS
• Welding
• Cutting
• Surface Treatment
• Cladding
• 3D Additive Manufacturing




Similar Part No. - 2217014

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
221701B ITF-221701B Datasheet
187Kb / 2P
Typical 1dB bandwidth of 17.7 MHz
Rev 1.0 2013. 04. 30
More results


Similar Description - 2217014

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
630-015NF GLENAIR-630-015NF Datasheet
211Kb / 2P
Fiber Optic Cable Bulkhead Adapter
ABC3569 GLENAIR-ABC3569 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC3571 GLENAIR-ABC3571 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3569 GLENAIR-ABC-3569 Datasheet
359Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3571 GLENAIR-ABC-3571 Datasheet
359Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3580 GLENAIR-ABC-3580 Datasheet
359Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3586 GLENAIR-ABC-3586 Datasheet
358Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3821 GLENAIR-ABC-3821 Datasheet
359Kb / 1P
Bulk Simplex Fiber Optic Cable
FA02454 GLENAIR-FA02454 Datasheet
100Kb / 1P
Fiber Optic Jumper Cable Assembly
logo
SICK AG
WLL160 SICK-WLL160 Datasheet
128Kb / 2P
LLK plastic fiber-optic cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com