Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH313 Datasheet (PDF) - OSRAM GmbH

SFH313 Datasheet PDF - OSRAM GmbH
Part # SFH313
Download  SFH313 Download
File Size   256.52 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Silicon NPN Phototransistor

SFH313 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH313 Datasheet PDF - OSRAM GmbH

Part # SFH313
Download  SFH313 Click to download

File Size   256.52 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Silicon NPN Phototransistor

SFH313 Datasheet (HTML) - OSRAM GmbH


SFH313 Product details

Features

• Especially suitable for applications from 460 nm to 1080 nm (SFH 313) and of 880 nm (SFH 313 FA)

• High linearity

• 5 mm plastic package



Applications

• Computer-controlled flashes

• Photointerrupters

• Industrial electronics

• For control and drive circuits



 




Similar Part No. - SFH313

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH313 SIEMENS-SFH313 Datasheet
44Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH313-2 SIEMENS-SFH313-2 Datasheet
44Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH313-3 SIEMENS-SFH313-3 Datasheet
44Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH313FA SIEMENS-SFH313FA Datasheet
44Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH313FA OSRAM-SFH313FA Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
More results


Similar Description - SFH313

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com