Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4000 Datasheet (PDF) - OSRAM GmbH

SFH4000 Datasheet PDF - OSRAM GmbH
Part # SFH4000
Download  SFH4000 Download
File Size   69.63 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter

SFH4000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4000 Datasheet PDF - OSRAM GmbH

Part # SFH4000
Download  SFH4000 Click to download

File Size   69.63 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter

SFH4000 Datasheet (HTML) - OSRAM GmbH


SFH4000 Product details

Features
• High output power: 35mW
• Very small package: (LxWxH) 1.7 mm x 0.8 mm x 0.65 mm
• Very short switching times (10ns)
• High pulse handling capability
• Suitable for IR reflow soldering
• Available on tape and reel

Applications
• Miniature photointerrupters
• Industrial electronics
• For drive and control circuits
• Sensor technology
• Alarm and safety equipment
• IR free air transmission




Similar Part No. - SFH4000

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
SFH400-3 SIEMENS-SFH400-3 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results


Similar Description - SFH4000

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4590 SIEMENS-SFH4590 Datasheet
58Kb / 6P
Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
SFH4591 SIEMENS-SFH4591 Datasheet
50Kb / 5P
Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
Infineon Technologies A...
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
SFH4203 OSRAM-SFH4203 Datasheet
59Kb / 6P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH4209 OSRAM-SFH4209 Datasheet
64Kb / 6P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH4271 OSRAM-SFH4271 Datasheet
86Kb / 10P
IR-Lumineszenzdiode Infrared Emitter
LD271 OSRAM-LD271 Datasheet
143Kb / 8P
IR-Lumineszenzdiode Infrared Emitter
SFH-4203 OSRAM-SFH-4203 Datasheet
218Kb / 7P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH-4209 OSRAM-SFH-4209 Datasheet
233Kb / 9P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com