Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3204 Datasheet (PDF) - OSRAM GmbH

SFH3204 Datasheet PDF - OSRAM GmbH
Part # SFH3204
Download  SFH3204 Download
File Size   225.79 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Silicon NPN Phototransistor

SFH3204 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH3204 Datasheet PDF - OSRAM GmbH

Part # SFH3204
Download  SFH3204 Click to download

File Size   225.79 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Silicon NPN Phototransistor

SFH3204 Datasheet (HTML) - OSRAM GmbH


SFH3204 Product details

Features

• Very small sidelooker SMT package

• Especially suitable for applications from 420 nm to 1100 nm

• Large viewing angle ±60°



Applications

• Miniature photointerrupters

• Sensor technology (eg mobile phone)

• For control and drive circuits




Similar Part No. - SFH3204

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH320 SIEMENS-SFH320 Datasheet
188Kb / 5P
NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
logo
OSRAM GmbH
SFH320 OSRAM-SFH320 Datasheet
149Kb / 7P
NPN-Silizium-Fototransistor im SMT TOPLED
logo
Siemens Semiconductor G...
SFH320-3 SIEMENS-SFH320-3 Datasheet
188Kb / 5P
NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
logo
OSRAM GmbH
SFH320-3 OSRAM-SFH320-3 Datasheet
149Kb / 7P
NPN-Silizium-Fototransistor im SMT TOPLED
SFH320-3/-4 OSRAM-SFH320-3/-4 Datasheet
149Kb / 7P
NPN-Silizium-Fototransistor im SMT TOPLED
More results


Similar Description - SFH3204

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com