Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS72-Q1 Datasheet (PDF) - Texas Instruments

SN74HCS72-Q1 Datasheet PDF - Texas Instruments
Part # SN74HCS72-Q1
Download  SN74HCS72-Q1 Download
File Size   686.92 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HCS72-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset

SN74HCS72-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HCS72-Q1 Datasheet PDF - Texas Instruments

Part # SN74HCS72-Q1
Download  SN74HCS72-Q1 Click to download

File Size   686.92 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74HCS72-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset

SN74HCS72-Q1 Datasheet (HTML) - Texas Instruments


SN74HCS72-Q1 Product details

1 Features
1• AEC-Q100 Qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C,
TA
– Device HBM ESD Classification Level 2
– Device CDM ESD Classifcation Level C6
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 5 V

2 Applications
• Convert a momentary switch to a toggle switch
• Input slow edge-rate signals
• Operate in noisy environments
• Enable CAN Controller Power with wake-up
pattern

3 Description
This device contains two independent D-type
negative-edge-triggered flip-flops. All inputs include
Schmitt-triggers, allowing for slow or noisy input
signals. A low level at the preset (PRE) input sets the
output high. A low level at the clear (CLR) input
resets the output low. Preset and clear functions are
asynchronous and not dependent on the levels of the
other inputs. When PRE and CLR are inactive (high),
data at the data (D) input meeting the setup time
requirements is transferred to the outputs (Q, Q) on
the negative-going edge of the clock (CLK) pulse.
Following the hold-time interval, data at the data (D)
input can be changed without affecting the levels at
the outputs (Q, Q).




Similar Part No. - SN74HCS72-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS72-Q1 TI1-SN74HCS72-Q1 Datasheet
424Kb / 21P
SN74HCS72-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72-Q1 TI1-SN74HCS72-Q1 Datasheet
384Kb / 19P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72-Q1 TI1-SN74HCS72-Q1 Datasheet
1,010Kb / 23P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72-Q1 TI2-SN74HCS72-Q1 Datasheet
693Kb / 25P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
REVISED JUNE 2020
More results


Similar Description - SN74HCS72-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS74-Q1 TI1-SN74HCS74-Q1 Datasheet
326Kb / 19P
Automotive Qualified Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74-Q1 TI1-SN74HCS74-Q1_V01 Datasheet
410Kb / 22P
SN74HCS74-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72-Q1 TI1-SN74HCS72-Q1 Datasheet
424Kb / 21P
SN74HCS72-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74 TI1-SN74HCS74 Datasheet
373Kb / 20P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72 TI1-SN74HCS72 Datasheet
384Kb / 19P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74 TI1-SN74HCS74_V01 Datasheet
1Mb / 24P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72 TI1-SN74HCS72_V01 Datasheet
1,010Kb / 23P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74 TI-SN74HCS74_V02 Datasheet
1Mb / 25P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74-Q1 TI-SN74HCS74-Q1_V02 Datasheet
1Mb / 25P
SN74HCS74-Q1 Automotive Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74-Q1 TI-SN74HCS74-Q1_V03 Datasheet
2Mb / 32P
SN74HCS74-Q1 Automotive Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com