Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS422 Datasheet (PDF) - Texas Instruments

SN54LS422 Datasheet PDF - Texas Instruments
Part # SN54LS422
Download  SN54LS422 Download
File Size   391.56 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RETRIGGERABLE MONOSTABLE MULTIVIBRATORS

SN54LS422 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LS422 Datasheet PDF - Texas Instruments

Part # SN54LS422
Download  SN54LS422 Click to download

File Size   391.56 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RETRIGGERABLE MONOSTABLE MULTIVIBRATORS

SN54LS422 Datasheet (HTML) - Texas Instruments


SN54LS422 Product details

Will Not Trigger from Clear

D.C Triggered from Actve-High or Active-
Low Gated Logic Inputs

Retriggerable for Very Long Output Pulses,
Up to 100% Duty Cycle

Overriding Clear Teminates Output Pulse
‘L§422 Has Internal Timing Resistor

description
The 'LS422 and ‘S423 are identical to ‘LS122 and
'LS123 except they cannot be triggered via clear.
These d-c triggered mulrivibrators feature output-pulse-
width control by three methods. The basic pulse time is
programmed by selection of external resistance and
capacitance values (see typical application datal. The
‘LS422 contains an internal timing resistor that allows
the circuits to be used with only an external capacitor, if
so desired. Once triggerad, the basic pulse width may be
extended by retriggering the gated low-level-active (Al
or high-level-active (B) inputs, or be reduced by use of
the overriding clear. Figure 1 illustrates pulse control by
retriggering and early clear.
The 'LS422 and "LS423 have enough Schmitt hysteresis
to ensure jitter-free triggering from the B input with tran-
sition rates as slow as 0.1 millivolt per nanosecond. The
"LS422 Ripe is nominally 10 k ohms.
The SN54LS422 and SN54LS423 are characterized for
operation over the full military temperature range of
—55°C to 125°C. The SN74LS422 and SN74L5423
are characterized for operation from 0°C to 70°C.




Similar Part No. - SN54LS422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422 Datasheet
612Kb / 9P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422FK TI-SN54LS422FK Datasheet
323Kb / 9P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422J TI-SN54LS422J Datasheet
323Kb / 9P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422W TI-SN54LS422W Datasheet
323Kb / 9P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Similar Description - SN54LS422

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS122 MOTOROLA-SN54LS122 Datasheet
278Kb / 10P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Texas Instruments
SN54122 TI-SN54122 Datasheet
460Kb / 12P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN74123NE4 TI1-SN74123NE4 Datasheet
1Mb / 25P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54122 TI1-SN54122_15 Datasheet
1Mb / 25P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54122 TI1-SN54122_18 Datasheet
1Mb / 26P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com