Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G374 Datasheet (PDF) - Texas Instruments

SN74LVC1G374 Datasheet PDF - Texas Instruments
Part # SN74LVC1G374
Download  SN74LVC1G374 Download
File Size   740.79 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single D-Type Flip-Flop With 3-State Output

SN74LVC1G374 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G374 Datasheet PDF - Texas Instruments

Part # SN74LVC1G374
Download  SN74LVC1G374 Click to download

File Size   740.79 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single D-Type Flip-Flop With 3-State Output

SN74LVC1G374 Datasheet (HTML) - Texas Instruments


SN74LVC1G374 Product details

1FEATURES
2• Available in the Texas Instruments NanoStar™
and NanoFree™ Packages
• Supports 5-V V CC Operation
• Inputs Accept Voltages to 5.5 V
• Provides Down Translation to VCC
• Max tpd of 4 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Live Insertion, Partial-Power-
Down Mode, and Back Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION
This single D-type latch is designed for 1.65-V to 5.5-
V VCC operation.
The SN74LVC1G374 features a 3-state output
designed specifically for driving highly capacitive or
relatively low-impedance loads. This device is
particularly suitable for implementing buffer registers,
input/output (I/O) ports, bidirectional bus drivers, and
working registers.
NanoStar™ and NanoFree™ package technology is
a major breakthrough in IC packaging concepts,
using the die as the package.
On the positive transition of the clock (CLK) input, the
Q output is set to the logic level set up at the data (D)
input.
A buffered output-enable (OE) input can be used to
place the output in either a normal logic state (high or
low logic levels) or the high-impedance state. In the
high-impedance state, the output neither loads nor drives the bus lines significantly. The high-impedance
state and increased drive provide the capability to
drive bus lines without interface or pullup
components.
OE does not affect the internal operations of the flip-
flop. Old data can be retained or new data can be
entered while the outputs are in the high-impedance
state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the
driver.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC1G374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G374 TI-SN74LVC1G374 Datasheet
232Kb / 13P
SINGLE D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
SN74LVC1G374 TI1-SN74LVC1G374 Datasheet
1,014Kb / 20P
Single D-Type Flip-Flop With 3-State Output
SN74LVC1G374 TI2-SN74LVC1G374 Datasheet
575Kb / 18P
Single D-Type Flip-Flop with 3-State Output
REVISED MAY 2013
SN74LVC1G374-Q1 TI1-SN74LVC1G374-Q1 Datasheet
318Kb / 12P
SINFLE D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
SN74LVC1G374-Q1 TI1-SN74LVC1G374-Q1 Datasheet
1,014Kb / 20P
Single D-Type Flip-Flop With 3-State Output
More results


Similar Description - SN74LVC1G374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Texas Instruments
SN74LVC1G374 TI-SN74LVC1G374 Datasheet
232Kb / 13P
SINGLE D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
TC74HCT374AP TOSHIBA-TC74HCT374AP_07 Datasheet
268Kb / 7P
Octal D-Type Flip-Flop with 3-State Output
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
Octal D-Type Flip-Flop with 3-State Output
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Texas Instruments
SN74LVC1G374 TI1-SN74LVC1G374_15 Datasheet
1,014Kb / 20P
Single D-Type Flip-Flop With 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com