Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G04-EP Datasheet (PDF) - Texas Instruments

SN74LVC1G04-EP Datasheet PDF - Texas Instruments
Part # SN74LVC1G04-EP
Download  SN74LVC1G04-EP Download
File Size   598.88 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE INVERTER GATE

SN74LVC1G04-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G04-EP Datasheet PDF - Texas Instruments

Part # SN74LVC1G04-EP
Download  SN74LVC1G04-EP Click to download

File Size   598.88 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE INVERTER GATE

SN74LVC1G04-EP Datasheet (HTML) - Texas Instruments


SN74LVC1G04-EP Product details

1FEATURES
• Qualified for Automotive Applications
• AEC-Q100 Qualified with the Following Results
– Device Temperature Grade 1:
–40°C to 125°C Ambient Operating
Temperature Range
– Device HBM ESD Classification Level H2
– Device CDM ESG Classification Level C4B
• ESD Protection Exceeds 2000 V Per MIL-STD-
883, Method 3015; Exceeds 200 V Using
Machine Model (C = 200 pF, R = 0)
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 3.3 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Partial-Power-Down Mode
Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II

DESCRIPTION AND ORDERING INFORMATION
This single inverter gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G04 performs the Boolean function Y = A.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - SN74LVC1G04-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G04-EP TI1-SN74LVC1G04-EP Datasheet
737Kb / 14P
SINGLE INVERTER GATE
SN74LVC1G04-EP TI1-SN74LVC1G04-EP Datasheet
2Mb / 45P
Single Inverter Gate
SN74LVC1G04-EP TI2-SN74LVC1G04-EP Datasheet
2Mb / 47P
SN74LVC1G04 Single Inverter Gate
REVISED OCTOBER 2025
More results


Similar Description - SN74LVC1G04-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
SINGLE INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04_07 Datasheet
439Kb / 12P
SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
SINGLE INVERTER GATE
logo
Unisonic Technologies
U74AHC1G04 UTC-U74AHC1G04_15 Datasheet
198Kb / 5P
SINGLE INVERTER GATE
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
SINGLE INVERTER GATE
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
Single Inverter Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com