Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC05M Datasheet (PDF) - STMicroelectronics

74VHC05M Datasheet PDF - STMicroelectronics
Part # 74VHC05M
Download  74VHC05M Download
File Size   53.76 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER OPEN DRAIN

74VHC05M Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC05M Datasheet PDF - STMicroelectronics

Part # 74VHC05M
Download  74VHC05M Click to download

File Size   53.76 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER OPEN DRAIN

74VHC05M Datasheet (HTML) - STMicroelectronics


74VHC05M Product details

DESCRIPTION
The 74VHC05 is an advanced high-speed CMOS OPEN DRAIN HEX INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 3.8ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 2 µA (MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUTS
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 05
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.8V (MAX.)
   




Similar Part No. - 74VHC05M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC05MTR STMICROELECTRONICS-74VHC05MTR Datasheet
224Kb / 11P
HEX INVERTER (OPEN DRAIN)
12-Nov-2004
More results


Similar Description - 74VHC05M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT05A STMICROELECTRONICS-74VHCT05A Datasheet
148Kb / 8P
HEX INVERTER (OPEN DRAIN)
Jun-2001
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
HEX INVERTER OPEN DRAIN
Feb-1993
M74HC05 STMICROELECTRONICS-M74HC05 Datasheet
168Kb / 8P
HEX INVERTER OPEN DRAIN
Jul-2001
logo
Toshiba Semiconductor
TC74VHC05F TOSHIBA-TC74VHC05F Datasheet
209Kb / 5P
HEX INVERTER (OPEN DRAIN)
logo
Fairchild Semiconductor
MM74HCT05 FAIRCHILD-MM74HCT05_05 Datasheet
84Kb / 7P
Hex Inverter (Open Drain)
logo
Toshiba Semiconductor
TC74VHC05F TOSHIBA-TC74VHC05F_07 Datasheet
256Kb / 9P
Hex Inverter (open drain)
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05_04 Datasheet
224Kb / 11P
HEX INVERTER (OPEN DRAIN)
12-Nov-2004
74VHCT05A STMICROELECTRONICS-74VHCT05A_04 Datasheet
215Kb / 11P
HEX INVERTER (OPEN DRAIN)
16-Dec-2004
logo
Toshiba Semiconductor
TC74AC05F TOSHIBA-TC74AC05F_12 Datasheet
245Kb / 7P
Hex Inverter (open drain)
logo
ON Semiconductor
MM74HCT05 ONSEMI-MM74HCT05 Datasheet
334Kb / 9P
Hex Inverter (Open Drain)
March 2008 Rev. 1.5.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com