Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5762R Datasheet (PDF) - Analog Devices

AD5762R Datasheet PDF - Analog Devices
Part # AD5762R
Download  AD5762R Download
File Size   495.04 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs

AD5762R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5762R Datasheet PDF - Analog Devices

Part # AD5762R
Download  AD5762R Click to download

File Size   495.04 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs

AD5762R Datasheet (HTML) - Analog Devices


AD5762R Product details

GENERAL DESCRIPTION
The AD5762R is a dual, 16-bit, serial input, bipolar voltage output DAC that operates from supply voltages of ±11.4 V to ±16.5 V. Nominal full-scale output range is ±10 V. The AD5762R provides integrated output amplifiers, reference buffers, and proprietary power-up/power-down control circuitry. The device also features a digital input/output port, programmed via the serial interface, and an analog temperature sensor. The device incorporates digital offset and gain adjust registers per channel.

FEATURES
   Complete dual, 16-bit, digital-to-analog converter (DAC)
   Programmable output range: ±10 V, ±10.2564 V, or ±10.5263 V
   ±1 LSB maximum INL error, ±1 LSB maximum DNL error
   Low noise: 60 nV/√Hz
   Settling time: 10 µs maximum
   Integrated reference buffers
   Internal reference: 10 ppm/°C maximum
   On-chip die temperature sensor
   Output control during power-up/brownout
   Programmable short-circuit protection
   Simultaneous updating via LDAC
   Asynchronous CLR to zero code
   Digital offset and gain adjust
   Logic output control pins
   DSP-/microcontroller-compatible serial interface
   Temperature range: −40°C to +85°C
   Industrial complementary metal-oxide semiconductor
      (iCMOS) process technology

APPLICATIONS
   Industrial automation
   Open-loop/closed-loop servo control
   Process control
   Data acquisition systems
   Automatic test equipment
   Automotive test and measurement
   High accuracy instrumentation




Similar Part No. - AD5762R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5762R AD-AD5762R Datasheet
704Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
6/2016-Rev. C to Rev. D
AD5762RCSUZ AD-AD5762RCSUZ Datasheet
709Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5762RCSUZ AD-AD5762RCSUZ Datasheet
704Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
6/2016-Rev. C to Rev. D
AD5762RCSUZ-REEL7 AD-AD5762RCSUZ-REEL7 Datasheet
709Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5762RCSUZ-REEL7 AD-AD5762RCSUZ-REEL7 Datasheet
704Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
6/2016-Rev. C to Rev. D
More results


Similar Description - AD5762R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5764 AD-AD5764 Datasheet
266Kb / 27P
Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
21-Oct-2004
AD5764R AD-AD5764R Datasheet
1Mb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5763 AD-AD5763 Datasheet
300Kb / 31P
Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Rev. PrA
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5762R AD-AD5762R_16 Datasheet
704Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
6/2016-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com