Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04020VA Datasheet (PDF) - NMB Technologies Corporation

04020VA Datasheet PDF - NMB Technologies Corporation
Part # 04020VA
Download  04020VA Download
File Size   531.16 Kbytes
Page   1 Pages
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation
Description DC Axial Fan

04020VA Datasheet (PDF)

Go To PDF Page Download Datasheet
04020VA Datasheet PDF - NMB Technologies Corporation

Part # 04020VA
Download  04020VA Click to download

File Size   531.16 Kbytes
Page   1 Pages
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation
Description DC Axial Fan

04020VA Datasheet (HTML) - NMB Technologies Corporation


04020VA Product details

■ General Specifications
Motor Protection Auto Restart / Polarity Protection
Insulation Resistance 10MΩ or over with a DC500V Megger
Dielectric Withstand Voltage:AC700V 1s
:-10℃ ~ + 70℃ (Operating)
Allowable Ambient : -40℃ ~ + 70℃ (Storage)
Temperature Range : non-condensing environment




Similar Part No. - 04020VA

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0402006 PHOENIX-0402006 Datasheet
45Kb / 2P
Neutral busbar - NLS-CU 3/10 SN 2000MM
14.05.2012
logo
List of Unclassifed Man...
040207F012JB1E ETC2-040207F012JB1E Datasheet
141Kb / 3P
Thick Film Chip Resistors
040207F012JBDE ETC2-040207F012JBDE Datasheet
141Kb / 3P
Thick Film Chip Resistors
040207F012JC1E ETC2-040207F012JC1E Datasheet
141Kb / 3P
Thick Film Chip Resistors
040207F012JCDE ETC2-040207F012JCDE Datasheet
141Kb / 3P
Thick Film Chip Resistors
More results


Similar Description - 04020VA

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com