Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G00 Datasheet (PDF) - Texas Instruments

SN74LVC2G00 Datasheet PDF - Texas Instruments
Part # SN74LVC2G00
Download  SN74LVC2G00 Download
File Size   714.69 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G00 Dual 2-Input Positive-NAND Gate

SN74LVC2G00 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G00 Datasheet PDF - Texas Instruments

Part # SN74LVC2G00
Download  SN74LVC2G00 Click to download

File Size   714.69 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G00 Dual 2-Input Positive-NAND Gate

SN74LVC2G00 Datasheet (HTML) - Texas Instruments


SN74LVC2G00 Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 4.3 ns at 3.3 V
• Low Power Consumption, 10-μA Max I CC
• ±24-mA Output Drive at 3.3 V
• Typical V OLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
• Ioff Supports Live Insertion, Partial Power
Down Mode, and Back Drive Protection
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model
– 1000-V Charged-Device Model

2 Applications
• IP Phones: Wired and Wireless
• Optical Modules
• Optical Networking: EPON and Video Over Fiber
• Point-to-Point Microwave Backhaul
• Power: Telecom DC/DC Module:
Analog and Digital
• Private Branch Exchanges (PBX)
• TETRA Base Exchanges
• Telecom Base Band Units
• Telecom Shelters: Power Distribution Units (PDU),
Power Monitoring Units (PMU), Wireless Battery
Monitoring, Remote Electrical Tilt Units (RET),
Remote Radio Units (RRU), Tower Mounted
Amplifiers (TMA)
• Vector Signal Analyzers and Generators
• Video Conferencing: IP-Based HD
• WiMAX and Wireless Infrastructure Equipment
• Wireless Communications Testers and
Wireless Repeaters
• xDSL Modems and DSLAM

3 Description
This dual 2-input positive-NAND gate is designed for
1.65-V to 5.5-V VCC operation.
The SN74LVC2G00 device performs the Boolean
function Y = A × B or Y = A + B in positive logic.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC2G00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
DUAL 2 INPUT POSITIVE NAND GATE
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
527Kb / 13P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00 Datasheet
1,001Kb / 24P
Dual 2-Input Positive-NAND Gate
SN74LVC2G00-Q1 TI2-SN74LVC2G00-Q1 Datasheet
1Mb / 26P
SN74LVC2G00-Q1 Automotive, Dual 2-Input Positive-NAND Gates
SEPTEMBER 2026
SN74LVC2G00DCT3 TI1-SN74LVC2G00DCT3 Datasheet
1,001Kb / 24P
Dual 2-Input Positive-NAND Gate
More results


Similar Description - SN74LVC2G00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
DUAL 2 INPUT POSITIVE NAND GATE
SN74AUC2G00 TI-SN74AUC2G00 Datasheet
259Kb / 11P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI-SN74ALS8003A Datasheet
69Kb / 4P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74AS8003 TI-SN74AS8003 Datasheet
293Kb / 8P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUC2G00 TI-SN74AUC2G00_07 Datasheet
517Kb / 13P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI-SN74LVC2G00_09 Datasheet
527Kb / 13P
DUAL 2-INPUT POSITIVE-NAND GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00 Datasheet
161Kb / 6P
DUAL 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74LVC2G00W-EP TI1-SN74LVC2G00W-EP Datasheet
126Kb / 9P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00_18 Datasheet
1,001Kb / 24P
Dual 2-Input Positive-NAND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com