Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G125 Datasheet (PDF) - Texas Instruments

SN74LVC2G125 Datasheet PDF - Texas Instruments
Part # SN74LVC2G125
Download  SN74LVC2G125 Download
File Size   760.14 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G125 Dual Bus Buffer Gate With 3-State Outputs

SN74LVC2G125 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G125 Datasheet PDF - Texas Instruments

Part # SN74LVC2G125
Download  SN74LVC2G125 Click to download

File Size   760.14 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G125 Dual Bus Buffer Gate With 3-State Outputs

SN74LVC2G125 Datasheet (HTML) - Texas Instruments


SN74LVC2G125 Product details

1 Features
1• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model
– 1000-V Charged-Device Model
• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 4.3 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Can Be Used as a Down Translator to Translate
Inputs From a Max of 5.5 V Down
to the VCC Level
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II

2 Applications
• Cable Modem Termination Systems
• High-Speed Data Acquisition and Generation
• Military: Radars and Sonars
• Motor Controls: High-Voltage
• Power Line Communication Modems
• SSDs: Internal or External
• Video Broadcasting and Infrastructure: Scalable
Platforms
• Video Broadcasting: IP-Based Multi-Format
Transcoders
• Video Communications Systems

3 Description
The SN74LVC2G125 device is a dual bus buffer
gate, designed for 1.65-V to 5.5-V VCC operation.
This device features dual line drivers with 3-state
outputs. The outputs are disabled when the
associated output-enable (OE) input is high.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC2G125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
529Kb / 14P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125 Datasheet
1Mb / 27P
Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G125 TI2-SN74LVC2G125 Datasheet
1,003Kb / 16P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
REVISED MARCH 2011
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Similar Description - SN74LVC2G125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
Dual Bus Buffer Gate With 3-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com