Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G157 Datasheet (PDF) - Texas Instruments

SN74LVC2G157 Datasheet PDF - Texas Instruments
Part # SN74LVC2G157
Download  SN74LVC2G157 Download
File Size   758.66 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G157 Single 2-Line to 1-Line data selector multiplexer

SN74LVC2G157 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G157 Datasheet PDF - Texas Instruments

Part # SN74LVC2G157
Download  SN74LVC2G157 Click to download

File Size   758.66 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G157 Single 2-Line to 1-Line data selector multiplexer

SN74LVC2G157 Datasheet (HTML) - Texas Instruments


SN74LVC2G157 Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ package
• Supports 5-V VCC operation
• Inputs accept voltages to 5.5 V
• Max tpd of 6 ns at 3.3 V
• Low power consumption, 10-μA Maximum ICC
• ±24-mA Output drive at 3.3 V
• Typical VOLP (Output ground bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Ioff Supports live insertion, partial-power-down
mode, and back-drive protection
• Can be used as a down translator to translate
inputs from a maximum of 5.5 V down
to the VCC Level
• Latch-up performance exceeds 100 mA per
JESD 78, Class II
• ESD Protection exceeds JESD 22
– 2000-V Human body model (A114-A)
– 1000-V Charged-device model (C101)

2 Applications
• Barcode scanner
• Cable solutions
• E-books
• Embedded PC
• Field transmitter: temperature or pressure sensors
• Fingerprint biometrics
• HVAC: Heating, ventilating, and air conditioning
• Network-attached storage (NAS)
• Server motherboard and PSU
• Software defined radio (SDR)
• TV: High definition (HDTV), LCD, and digital
• Video communications systems
• Wireless data access cards, headsets, keyboards,
mice, and LAN cards

3 Description
This single 2-line to 1-line data selector multiplexer is
designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G157 device features a common
strobe (G) input. When the strobe is high, Y is low
and Y is high. When the strobe is low, a single bit is
selected from one of two sources and is routed to the
outputs. The device provides true and complementary
data.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC2G157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
346Kb / 13P
SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
393Kb / 12P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI1-SN74LVC2G157 Datasheet
1,006Kb / 24P
Single 2-Line to 1-Line Data Selector Multiplexer
SN74LVC2G157DCT TI1-SN74LVC2G157DCT Datasheet
1Mb / 34P
Contains all support circuitry needed for the ADS1148/ADS1248
SN74LVC2G157DCT TI1-SN74LVC2G157DCT Datasheet
2Mb / 48P
Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results


Similar Description - SN74LVC2G157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI-SN74LVC2G157_07 Datasheet
393Kb / 12P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74LVC2G157 UTC-U74LVC2G157 Datasheet
171Kb / 5P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
logo
Texas Instruments
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
U74LVC2G157 UTC-U74LVC2G157_15 Datasheet
171Kb / 5P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
logo
Texas Instruments
SN74LVC2G157 TI1-SN74LVC2G157_15 Datasheet
916Kb / 22P
Single 2-Line to 1-Line Data Selector Multiplexer
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI1-SN74LVC2G157_18 Datasheet
1,006Kb / 24P
Single 2-Line to 1-Line Data Selector Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com