Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G38 Datasheet (PDF) - Texas Instruments

SN74LVC2G38 Datasheet PDF - Texas Instruments
Part # SN74LVC2G38
Download  SN74LVC2G38 Download
File Size   525.31 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 2-Input NAND Gate With Open-Drain Outputs

SN74LVC2G38 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G38 Datasheet PDF - Texas Instruments

Part # SN74LVC2G38
Download  SN74LVC2G38 Click to download

File Size   525.31 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 2-Input NAND Gate With Open-Drain Outputs

SN74LVC2G38 Datasheet (HTML) - Texas Instruments


SN74LVC2G38 Product details

1FEATURES
2• Available in the Texas Instruments NanoFree™
Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 4 ns at 3.3 V
• Low Power Consumption, 10-μA Max I CC
• ±24-mA Output Drive at 3.3 V
• Typical VOLP (Output Ground Bounce) <0.8 V at
VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Ioff Supports Live insertion, Partial-Power-
Down Mode Operation and Back Drive
Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION
The SN74LVC2G38 is designed for 1.65-V to 5.5-V
VCC operation.
This device is a dual two-input NAND buffer gate with
open-drain outputs. It performs the Boolean function Y = A • B or Y = A + B in positive logic.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC2G38

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G38 TI-SN74LVC2G38 Datasheet
255Kb / 11P
DUAL 2 INPUT NAND GATE WITH OPEN DRAIN OUTPUT
SN74LVC2G38DCTR TI-SN74LVC2G38DCTR Datasheet
255Kb / 11P
DUAL 2 INPUT NAND GATE WITH OPEN DRAIN OUTPUT
SN74LVC2G38DCUR TI-SN74LVC2G38DCUR Datasheet
255Kb / 11P
DUAL 2 INPUT NAND GATE WITH OPEN DRAIN OUTPUT
SN74LVC2G38DCUT TI-SN74LVC2G38DCUT Datasheet
255Kb / 11P
DUAL 2 INPUT NAND GATE WITH OPEN DRAIN OUTPUT
SN74LVC2G38YEPR TI-SN74LVC2G38YEPR Datasheet
255Kb / 11P
DUAL 2 INPUT NAND GATE WITH OPEN DRAIN OUTPUT
More results


Similar Description - SN74LVC2G38

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A Datasheet
151Kb / 8P
Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC03 SLS-SL74HC03 Datasheet
35Kb / 5P
Quad 2-Input NAND Gate with Open-Drain Outputs
logo
NXP Semiconductors
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
STMicroelectronics
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
74V2G03 STMICROELECTRONICS-74V2G03 Datasheet
132Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
logo
ON Semiconductor
MC74HCO3A ONSEMI-MC74HCO3A Datasheet
154Kb / 8P
QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
March, 2000 ??Rev. 8
logo
NXP Semiconductors
74LVC2G38 NXP-74LVC2G38 Datasheet
102Kb / 16P
Dual 2-input NAND gate; open drain
Rev. 07-20 March 2009
logo
Diodes Incorporated
74LVC2G38 DIODES-74LVC2G38 Datasheet
467Kb / 11P
DUAL 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
Rev 1
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A_13 Datasheet
133Kb / 8P
Quad 2-Input NAND Gate with Open-Drain Outputs
October, 2013 ??Rev. 13
logo
Nexperia B.V. All right...
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com