Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G86 Datasheet (PDF) - Texas Instruments

SN74LVC2G86 Datasheet PDF - Texas Instruments
Part # SN74LVC2G86
Download  SN74LVC2G86 Download
File Size   722.08 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 2-Input Exclusive-OR Gate

SN74LVC2G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G86 Datasheet PDF - Texas Instruments

Part # SN74LVC2G86
Download  SN74LVC2G86 Click to download

File Size   722.08 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 2-Input Exclusive-OR Gate

SN74LVC2G86 Datasheet (HTML) - Texas Instruments


SN74LVC2G86 Product details

1FEATURES
2• Available in the Texas Instruments NanoFree™
Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 4.7 ns at 3.3 V
• Low Power Consumption, 10-μA Max I CC
• ±24-mA Output Drive at 3.3 V
• Typical V OLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Ioff Supports Live Insertion, Partial-Power-
Down Mode and Back Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION
This dual 2-input exclusive-OR gate is designed for
1.65-V to 5.5-V VCC operation.
The SN74LVC2G86 performs the Boolean function Y
= A ⊕ B or Y = AB + AB in positive logic.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
A common application is as a true/complement
element. If the input is low, the other input is
reproduced in true form at the output. If the input is
high, the signal on the other input is reproduced
inverted at the output.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC2G86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
Dual 2-Input Exclusive-OR Gate
SN74LVC2G86DCTR TI1-SN74LVC2G86DCTR Datasheet
918Kb / 17P
Dual 2-Input Exclusive-OR Gate
SN74LVC2G86DCTRG4 TI1-SN74LVC2G86DCTRG4 Datasheet
918Kb / 17P
Dual 2-Input Exclusive-OR Gate
SN74LVC2G86DCUR TI1-SN74LVC2G86DCUR Datasheet
918Kb / 17P
Dual 2-Input Exclusive-OR Gate
SN74LVC2G86DCURG4 TI1-SN74LVC2G86DCURG4 Datasheet
918Kb / 17P
Dual 2-Input Exclusive-OR Gate
More results


Similar Description - SN74LVC2G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
Dual 2-input exclusive-OR gate
2003 Jul 28
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
DUAL 2-INPUT EXCLUSIVE OR GATE
Jun-2003
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
Dual 2-Input Exclusive-OR Gate
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com