Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC3GU04 Datasheet (PDF) - Texas Instruments

SN74LVC3GU04 Datasheet PDF - Texas Instruments
Part # SN74LVC3GU04
Download  SN74LVC3GU04 Download
File Size   532.06 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple Inverter Gate

SN74LVC3GU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC3GU04 Datasheet PDF - Texas Instruments

Part # SN74LVC3GU04
Download  SN74LVC3GU04 Click to download

File Size   532.06 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple Inverter Gate

SN74LVC3GU04 Datasheet (HTML) - Texas Instruments


SN74LVC3GU04 Product details

FEATURES
• Available in the Texas Instruments NanoFree™
Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 3.9 ns at 3.3 V
• Low Power Consumption, 10-μA Max I CC
• ±24-mA Output Drive at 3.3 V
• Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Ioff Support Live Insertion, Partial Power Down
Mode and Back Drive Protection
• Unbuffered Outputs
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION
This triple inverter is designed for 1.65-V to 5.5-V VCC
operation.
The SN74LVC3GU04 contains three inverters with
unbuffered outputs and performs the Boolean function Y = A.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.




Similar Part No. - SN74LVC3GU04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3GU04 TI-SN74LVC3GU04 Datasheet
253Kb / 11P
TRIPLE INVERTER GATE
SN74LVC3GU04DCTR TI-SN74LVC3GU04DCTR Datasheet
253Kb / 11P
TRIPLE INVERTER GATE
SN74LVC3GU04DCUR TI-SN74LVC3GU04DCUR Datasheet
253Kb / 11P
TRIPLE INVERTER GATE
SN74LVC3GU04DCUT TI-SN74LVC3GU04DCUT Datasheet
253Kb / 11P
TRIPLE INVERTER GATE
SN74LVC3GU04YEPR TI-SN74LVC3GU04YEPR Datasheet
253Kb / 11P
TRIPLE INVERTER GATE
More results


Similar Description - SN74LVC3GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
Triple inverter
Rev. 01-4 May 2004
logo
Texas Instruments
SN74LVC3G04 TI-SN74LVC3G04 Datasheet
318Kb / 12P
TRIPLE INVERTER GATE
SN74LVC3GU04 TI-SN74LVC3GU04 Datasheet
253Kb / 11P
TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
LOW-POWER TRIPLE INVERTER GATE
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
Triple Inverter
logo
Texas Instruments
SN74LVC3G04 TI1-SN74LVC3G04_16 Datasheet
839Kb / 16P
Triple Inverter Gate
logo
Unisonic Technologies
U74LVC3G04G-S08-R UTC-U74LVC3G04G-S08-R Datasheet
196Kb / 5P
TRIPLE INVERTER GATE
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
Triple inverter
logo
Diodes Incorporated
74LVC3G04 DIODES-74LVC3G04 Datasheet
463Kb / 8P
TRIPLE INVERTER GATE
November 2022 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com