Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC3G14DCTR Datasheet (PDF) - Texas Instruments

SN74LVC3G14DCTR Datasheet PDF - Texas Instruments
Part # SN74LVC3G14DCTR
Download  SN74LVC3G14DCTR Download
File Size   666.23 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple Schmitt-Trigger Inverter

SN74LVC3G14DCTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC3G14DCTR Datasheet PDF - Texas Instruments

Part # SN74LVC3G14DCTR
Download  SN74LVC3G14DCTR Click to download

File Size   666.23 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple Schmitt-Trigger Inverter

SN74LVC3G14DCTR Datasheet (HTML) - Texas Instruments


SN74LVC3G14DCTR Product details

1FEATURES
2• Available in the Texas Instruments NanoFree™
Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 5.4 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Typical VOLP (Output Ground Bounce) <0.8 V at
VCC = 3.3 V, TA = 25°C
• Typical V OHV (Output VOH Undershoot) >2 V at
VCC = 3.3 V, TA = 25°C
• I off Feature Supports Live Insertion, Partial- Power-Down Mode and Back Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION
This triple Schmitt-trigger inverter is designed for
1.65-V to 5.5-V VCC operation.
The SN74LVC3G14 contains three inverters and
performs the Boolean function Y = A. The device functions as three independent inverters but, because
of Schmitt action, it may have different input threshold
levels for positive-going (VT+) and negative-going
(VT–) signals.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.




Similar Part No. - SN74LVC3G14DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G14DCTR TI-SN74LVC3G14DCTR Datasheet
329Kb / 13P
TRIPLE SCHMITT TRIGGER INVERTER
SN74LVC3G14DCTR TI1-SN74LVC3G14DCTR Datasheet
863Kb / 17P
Triple Schmitt-Trigger Inverter
SN74LVC3G14DCTRE4 TI1-SN74LVC3G14DCTRE4 Datasheet
863Kb / 17P
Triple Schmitt-Trigger Inverter
SN74LVC3G14DCTRG4 TI1-SN74LVC3G14DCTRG4 Datasheet
863Kb / 17P
Triple Schmitt-Trigger Inverter
More results


Similar Description - SN74LVC3G14DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G14 TI-SN74LVC3G14 Datasheet
329Kb / 13P
TRIPLE SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL37WZ14 ONSEMI-NL37WZ14 Datasheet
65Kb / 6P
Triple Schmitt-Trigger Inverter
March, 2004 ??Rev. 3
NLX3G14 ONSEMI-NLX3G14 Datasheet
122Kb / 8P
Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NLU3G14 ONSEMI-NLU3G14 Datasheet
103Kb / 8P
Triple Schmitt-Trigger Inverter
March, 2008 - Rev. 2
logo
Texas Instruments
SN74LVC3G14 TI1-SN74LVC3G14_16 Datasheet
863Kb / 17P
Triple Schmitt-Trigger Inverter
logo
ON Semiconductor
NLU3G14 ONSEMI-NLU3G14_16 Datasheet
80Kb / 8P
Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 4
NLX3G14 ONSEMI-NLX3G14_16 Datasheet
76Kb / 8P
Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 3
NL37WZ14 ONSEMI-NL37WZ14_12 Datasheet
112Kb / 5P
Triple Schmitt-Trigger Inverter
April, 2012 ??Rev. 8
NL37WZ14 ONSEMI-NL37WZ14_V01 Datasheet
150Kb / 11P
Triple Schmitt-Trigger Inverter
April, 2022 - Rev. 12
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com