Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G241DCT Datasheet (PDF) - Texas Instruments

SN74LVC2G241DCT Datasheet PDF - Texas Instruments
Part # SN74LVC2G241DCT
Download  SN74LVC2G241DCT Download
File Size   727.69 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs

SN74LVC2G241DCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G241DCT Datasheet PDF - Texas Instruments

Part # SN74LVC2G241DCT
Download  SN74LVC2G241DCT Click to download

File Size   727.69 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs

SN74LVC2G241DCT Datasheet (HTML) - Texas Instruments


SN74LVC2G241DCT Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Max tpd of 4.1 ns at 3.3 V
• Low Power Consumption, 10-μA Maximum ICC
• ±24-mA Output Drive at 3.3 V
• Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Can Be Used as a Down Translator to Translate
Inputs From a Max of 5.5 V Down
to the VCC Level
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• AV Receivers
• Blu-ray Players and Home Theaters
• DVD Recorders and Players
• Desktop or Notebook PCs
• Digital Radio or Internet Radio Players
• Digital Video Cameras (DVC)
• Embedded PCs
• GPS: Personal Navigation Devices
• Mobile Internet Devices
• Network Projector Front-Ends
• Portable Media Players
• Pro Audio Mixers

3 Description
This dual buffer and line driver is designed for 1.65-V
to 5.5-V VCC operation.
The SN74LVC2G241 device is designed specifically
to improve both the performance and density of 3-
state memory-address drivers, clock drivers, and busoriented
receivers and transmitters.
NanoFree package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
The SN74LVC2G241 device is organized as two 1-bit
line drivers with separate output-enable (1OE, 2OE)
inputs. When 1OE is low and 2OE is high, the device
passes data from the A inputs to the Y outputs. When
1OE is high and 2OE is low, the outputs are in the
high-impedance state.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor, and OE should be tied to GND
through a pulldown resistor; the minimum value of the
resistor is determined by the current-sinking or the
current-sourcing capability of the driver.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC2G241DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G241DCT TI1-SN74LVC2G241DCT Datasheet
1,017Kb / 24P
Dual Buffer and Driver With 3-State Outputs
SN74LVC2G241DCTR TI-SN74LVC2G241DCTR Datasheet
380Kb / 14P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241DCTR TI1-SN74LVC2G241DCTR Datasheet
925Kb / 22P
Dual Buffer and Driver With 3-State Outputs
SN74LVC2G241DCTR TI1-SN74LVC2G241DCTR Datasheet
1,017Kb / 24P
Dual Buffer and Driver With 3-State Outputs
More results


Similar Description - SN74LVC2G241DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVC2G241 TI1-SN74LVC2G241_15 Datasheet
925Kb / 22P
Dual Buffer and Driver With 3-State Outputs
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
Dual Buffer Driver With 3-State Outputs
SN74LVC2G241 TI1-SN74LVC2G241_17 Datasheet
1,017Kb / 24P
Dual Buffer and Driver With 3-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com