Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1135 Datasheet (PDF) - Adafruit Industries

1135 Datasheet PDF - Adafruit Industries
Part # 1135
Download  1135 Download
File Size   102.63 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Perma-Proto Raspberry Pi Breadboard PCB Kit

1135 Datasheet (PDF)

Go To PDF Page Download Datasheet
1135 Datasheet PDF - Adafruit Industries

Part # 1135
Download  1135 Click to download

File Size   102.63 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Perma-Proto Raspberry Pi Breadboard PCB Kit

1135 Datasheet (HTML) - Adafruit Industries


1135 Product details

o 13 rows of 4-pin holes breaking out the GPIO cable, 1 row or double 4-pin and 44 rows of double
5-hole rows
o 4 power rails with positive/negative markings
o 6.2" x 2.0" (160mm x 55mm), 0.063" thick FR4
o 1.2mm / 0.047" drill holes




Similar Part No. - 1135

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
1135 JMK-1135 Datasheet
50Kb / 1P
Operating Voltage= 100 Vdc OperatingCurrentMax= 1,2,3,5 & 10amps
logo
Videk Ltd
1135 VIDEK-1135 Datasheet
211Kb / 2P
Serial RS232 Cables Fully Moulded Universal RS232 25 D Type Cables
logo
CEE Norm UK Ltd
1135 CEENORM-1135 Datasheet
1Mb / 4P
Socket Outlets
logo
HellermannTyton.
1135-1-G HELLERMANNTYTON-1135-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
logo
STMicroelectronics
1135-3 STMICROELECTRONICS-1135-3 Datasheet
68Kb / 3P
RF & MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
Oct-1992
More results


Similar Description - 1135

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3257 ETC2-3257 Datasheet
110Kb / 2P
Kano Computer Kit with Raspberry Pi 3
logo
SparkFun Electronics
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
110061125 ETC-110061125 Datasheet
324Kb / 4P
Raspberry Pi 4B - Starter Kit - 4GB
110061131 ETC-110061131 Datasheet
286Kb / 3P
Raspberry Pi 4B - Basic Kit - 4GB
114992066 ETC-114992066 Datasheet
468Kb / 5P
RF Explorer IoT Touchscreen Kit For Raspberry Pi
PI400 ETC2-PI400 Datasheet
2Mb / 8P
Raspberry PI 400 US KIT ENGLISH VERSION
November 2020
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com