Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1171 Datasheet (PDF) - Adafruit Industries

1171 Datasheet PDF - Adafruit Industries
Part # 1171
Download  1171 Download
File Size   166.14 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Small-Size Perma-Proto Raspberry Pi Breadboard PCB Kit

1171 Datasheet (PDF)

Go To PDF Page Download Datasheet
1171 Datasheet PDF - Adafruit Industries

Part # 1171
Download  1171 Click to download

File Size   166.14 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Small-Size Perma-Proto Raspberry Pi Breadboard PCB Kit

1171 Datasheet (HTML) - Adafruit Industries


1171 Product details

o 13 rows of 4-pin holes breaking out the GPIO cable, 4 rows of double 4-pin hole rows
o 4 power rails with positive/negative markings
o 1.8" x 2.0" (46mm x 55mm), 0.063" thick FR4
o 1.2mm / 0.047" drill holes




Similar Part No. - 1171

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
1171-1061 SPECTRUM-1171-1061 Datasheet
317Kb / 1P
Sens-A-Coil Temperature Sensor
logo
Weidmuller
1171090000 WEIDMULLER-1171090000 Datasheet
82Kb / 2P
Electronics housing sample
26.10.2024
logo
Coherent Corp
1171107 COHERENT-1171107 Datasheet
618Kb / 4P
MATRIX Accessories
logo
3M Electronics
11712-00000-20 3M-11712-00000-20 Datasheet
49Kb / 2P
3M??Nitrous??Protective Eyewear 11712-00000-20 Bronze Anti-Fog Lens, Silver Frame 20 EA/Case
11715-00000-20 3M-11715-00000-20 Datasheet
49Kb / 2P
3M™ Nitrous™ Protective Eyewear 11715-00000-20 I/O Mirror Lens, Metallic Frame 20 EA/Case
More results


Similar Description - 1171

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3257 ETC2-3257 Datasheet
110Kb / 2P
Kano Computer Kit with Raspberry Pi 3
logo
SparkFun Electronics
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
110061125 ETC-110061125 Datasheet
324Kb / 4P
Raspberry Pi 4B - Starter Kit - 4GB
110061131 ETC-110061131 Datasheet
286Kb / 3P
Raspberry Pi 4B - Basic Kit - 4GB
114992066 ETC-114992066 Datasheet
468Kb / 5P
RF Explorer IoT Touchscreen Kit For Raspberry Pi
PI400 ETC2-PI400 Datasheet
2Mb / 8P
Raspberry PI 400 US KIT ENGLISH VERSION
November 2020
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com