Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1241 Datasheet (PDF) - Adafruit Industries

1241 Datasheet PDF - Adafruit Industries
Part # 1241
Download  1241 Download
File Size   84.16 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description SMT Test Socket - TQFP-48 Breakout

1241 Datasheet (PDF)

Go To PDF Page Download Datasheet
1241 Datasheet PDF - Adafruit Industries

Part # 1241
Download  1241 Click to download

File Size   84.16 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description SMT Test Socket - TQFP-48 Breakout

1241 Datasheet (HTML) - Adafruit Industries


1241 Product details

o Weight: 40.1g
o PCB dimension:63.5mm x 38.2mm / 2.5" x 1.5"
o Fits TQFP-48 with 7mm body
o Broken out into 0.6" wide 48 pin breadboard spacing




Similar Part No. - 1241

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1241 ETC2-1241 Datasheet
1Mb / 16P
Drywall Punch
logo
Agere Systems
1241 AGERE-1241 Datasheet
166Kb / 12P
Uncooled Laser Transmitter
September 1999
logo
Alpha Wire
1241 ALPHAWIRE-1241 Datasheet
95Kb / 3P
Customer Specification
9/8/2022
logo
Heyco.
1241 HEYCO-1241 Datasheet
104Kb / 1P
Original Strain Relief Bushings
logo
IDEAL-TEK SA
1241 SM IDEAL-TEK-1241 SM Datasheet
1Mb / 5P
Scalpels and Blades
More results


Similar Description - 1241

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
48TQFP SMSC-48TQFP Datasheet
377Kb / 1P
48 PIN TQFP/TQN PACKAGE OUTLINE
logo
Pomona Electronics
3788 POMONA-3788 Datasheet
30Kb / 1P
BNC Female to Minigrabber Test Clip Breakout
3789 POMONA-3789 Datasheet
32Kb / 1P
BNC Male To Minigrabber Test Clip Breakout
2631 POMONA-2631 Datasheet
24Kb / 1P
Breakout: BNC (Female) To Minigator Test Clips
2886 POMONA-2886 Datasheet
24Kb / 1P
Breakout: BNC (Male) To Minigator Test Clips
logo
Aries Electronics, Inc.
18108 ARIES-18108 Datasheet
1Mb / 1P
Test Socket Breakout Board
logo
ATMEL Corporation
RC100M-11 ATMEL-RC100M-11 Datasheet
43Kb / 1P
for TQFP-100 socket
RC100M-18 ATMEL-RC100M-18 Datasheet
47Kb / 1P
for TQFP-100 socket
logo
Harwin Plc
S2751-46R HARWIN-S2751-46R Datasheet
60Kb / 1P
SMT TEST TERMINAL
S2761-46R HARWIN-S2761-46R Datasheet
60Kb / 1P
SMT TEST TERMINAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com