Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

174 Datasheet (PDF) - Adafruit Industries

174 Datasheet PDF - Adafruit Industries
Part # 174
Download  174 Download
File Size   164.2 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Barebones AVR dev. board

174 Datasheet (PDF)

Go To PDF Page Download Datasheet
174 Datasheet PDF - Adafruit Industries

Part # 174
Download  174 Click to download

File Size   164.2 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Barebones AVR dev. board

174 Datasheet (HTML) - Adafruit Industries


174 Product details

• Printed circuit board
• Blank ATMEGA328 with internal 1 MHz oscillator selected (default)
• 28-DIP socket
• 6-pin ISP AVR programming header
• 0.1uF ceramic capacitor
• 5mm diffused red LED
• Resistor for LED




Similar Part No. - 174

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
174 ETC2-174 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Keystone Electronics Co...
174 KEYSTONE-174 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
TE Connectivity Ltd
174-09 TEC-174-09 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
logo
Gilway Technical Lamp
174-1 GILWAY-174-1 Datasheet
44Kb / 1P
Unbased Lens-End Lamps
logo
TE Connectivity Ltd
174-10 TEC-174-10 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
More results


Similar Description - 174

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
ARGOS-A100 ETC1-ARGOS-A100 Datasheet
662Kb / 2P
The smart CDK - Camera Dev. Kit
FZDX5XMC ETC-FZDX5XMC Datasheet
39Kb / 1P
AVR-Connect-Board
logo
PHOENIX CONTACT
2202545 PHOENIX-2202545 Datasheet
206Kb / 4P
Plug - HBUS 107,6-16P-1S DEV-KIT BK
logo
Maxim Integrated Produc...
MAX98050EVSYS MAXIM-MAX98050EVSYS Datasheet
2Mb / 25P
Two MAX98050 Development Boards (DEV Boards)
319-100629; Rev 0; 11/20
logo
SparkFun Electronics
DEV-14483 SPARKFUN-DEV-14483 Datasheet
216Kb / 3P
SparkFun AST-CAN485 Dev Board
3????8
WRL-13711 SPARKFUN-WRL-13711 Datasheet
164Kb / 2P
SparkFun ESP8266 Thing - Dev Board
11/17/2015
WRL-13804 SPARKFUN-WRL-13804 Datasheet
127Kb / 2P
SparkFun ESP8266 Thing - Dev Board (with Headers)
6??0??7
logo
List of Unclassifed Man...
CORAL-DEV-4GB ETC-CORAL-DEV-4GB Datasheet
7Mb / 28P
Dev Board
Version 1.6
logo
Azumo, Inc.
12376-01_T1 AZUMO-12376-01_T1 Datasheet
417Kb / 1P
Reflective LCD Front Light Dev Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com