Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

255 Datasheet (PDF) - Adafruit Industries

255 Datasheet PDF - Adafruit Industries
Part # 255
Download  255 Download
File Size   70.08 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description ChronoDot - Ultra-precise Real Time Clock - v2.1

255 Datasheet (PDF)

Go To PDF Page Download Datasheet
255 Datasheet PDF - Adafruit Industries

Part # 255
Download  255 Click to download

File Size   70.08 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description ChronoDot - Ultra-precise Real Time Clock - v2.1

255 Datasheet (HTML) - Adafruit Industries


255 Product details

o Length: 30.4mm/1.2in diameter
o Height: 14.1mm/0.55in
o Weight: 4 g
o This board/chip uses I2C 7-bit address 0x68




Similar Part No. - 255

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
255 MARL-255 Datasheet
285Kb / 5P
Direct replacement for T3 쩌 BA9s Incandescent
logo
Teledyne Technologies I...
255 TELEDYNE-255 Datasheet
1Mb / 3P
MAGNETIC-LATCHING DPDT HALF-SIZE CRYSTAL CAN MILITARY RELAY
logo
Pentair plc. All rights...
255 PENTAIR-255 Datasheet
1Mb / 20P
This manual is a reference and will not include every system installation situation
logo
Abbatron All Rights Res...
255 ABBATRON-255 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Walther-Werke
255 WALTHER-255 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results


Similar Description - 255

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C314 RICOH-RS5C314 Datasheet
59Kb / 4P
ULTRA-COMPACT REAL-TIME CLOCK IC?
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-4162 MICROCRYSTAL-RV-4162 Datasheet
1Mb / 39P
Ultra Small Real Time Clock
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
Ultra-Low-Power Real Time Clock
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com