Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

772 Datasheet (PDF) - Adafruit Industries

772 Datasheet PDF - Adafruit Industries
Part # 772
Download  772 Download
File Size   311.85 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description LCD Shield Kit w/ 16x2 Character Display - Only 2 pins used! - BLUE AND WHITE

772 Datasheet (PDF)

Go To PDF Page Download Datasheet
772 Datasheet PDF - Adafruit Industries

Part # 772
Download  772 Click to download

File Size   311.85 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description LCD Shield Kit w/ 16x2 Character Display - Only 2 pins used! - BLUE AND WHITE

772 Datasheet (HTML) - Adafruit Industries


772 Product details

 EagleCAD PCB files and Fritzing available in the product tutorial
 Dimensions: 2.1" x 3.2"
 Comes with a 16x2 Blue&White backlight LCD
 Plug and play with any Arduino 'classic' - UNO, duemilanove, diecimilla,
etc as well as Arduino Mega R3.
 Uses only the I2C pins - Analog 4 & 5 on classic Arduinos, Digital 20 and
21 on Arduino Mega R3
 This board/chip uses I2C 7-bit address 0x20
 Mounting hole size is 2.5mm




Similar Part No. - 772

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
772 MURATA-PS-772 Datasheet
206Kb / 3P
Pulse Transformers
logo
Fluke Corporation
772 FLUKE-772 Datasheet
1Mb / 2P
Fluke 772 and 773 Milliamp Process Clamp Meters
logo
Keystone Electronics Co...
772 KEYSTONE-772 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
EAO AG.
772-.401-00 EAO-772-.401-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
772-.401-0P EAO-772-.401-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results


Similar Description - 772

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PC1202A-O P-TEC-PC1202A-O Datasheet
43Kb / 2P
Character LCD Display
PC4004A-O P-TEC-PC4004A-O Datasheet
32Kb / 2P
Character LCD Display
PC4004B-O P-TEC-PC4004B-O Datasheet
32Kb / 2P
Character LCD Display
PC4004G-O P-TEC-PC4004G-O Datasheet
37Kb / 2P
Character LCD Display
logo
LUMEX INC.
LCM-S01602DSR-A LUMEX-LCM-S01602DSR-A Datasheet
240Kb / 2P
5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S01602DTR-M LUMEX-LCM-S01602DTR-M Datasheet
108Kb / 2P
16x2 CHARACTER LCD MODULE
LCM-S01602DXX-A LUMEX-LCM-S01602DXX-A Datasheet
125Kb / 2P
5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S01602DXX-B LUMEX-LCM-S01602DXX-B Datasheet
97Kb / 2P
5.56mm CHARACTER HEIGHT , 5x8 DOT MATRIX, 16x2 LCD MODULE
logo
P-tec Corporation
PC1602P-O_0804 P-TEC-PC1602P-O_0804 Datasheet
36Kb / 2P
PC1602P-O Series (16x2) Character Display
logo
LUMEX INC.
LCM-E01602DSF LUMEX-LCM-E01602DSF Datasheet
145Kb / 2P
16X2 CHARACTER LCD MOD, STN TRANSFLECTIVE IC INTERFACE, NT7651, WHITE LED BKLT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com