Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7804 Datasheet (PDF) - Sealevel Systems, Inc.

7804 Datasheet PDF - Sealevel Systems, Inc.
Part # 7804
Download  7804 Download
File Size   367.16 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description PCI 8-Port RS-232, RS-422, RS-485 Serial Interface

7804 Datasheet (PDF)

Go To PDF Page Download Datasheet
7804 Datasheet PDF - Sealevel Systems, Inc.

Part # 7804
Download  7804 Click to download

File Size   367.16 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description PCI 8-Port RS-232, RS-422, RS-485 Serial Interface

7804 Datasheet (HTML) - Sealevel Systems, Inc.


7804 Product details

Features
• Compliant with RoHS and WEEE directives
• Each port individually configurable for RS-232, RS-422, or RS-485
• 16C864 buffered UARTs with 128-byte FIFOs
• Data rates to 921.6K bps
• Universal Bus compatible (3.3V and 5V signaling)
• Requires 3.3V power on PCI bus
• Automatic RS-485 enable/disable
• Included 36″ cable terminates to eight DB9M connectors
(Item# CA145)




Similar Part No. - 7804

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7804 ETC2-7804 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Alpha Wire
78040 ALPHAWIRE-78040 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
logo
Wixroyd Group Ltd
78040 WIXROYD-78040 Datasheet
207Kb / 1P
Cabinet Handles
logo
REMA Lipprandt GmbH & C...
78040-00 REMA-78040-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
78040-30 REMA-78040-30 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
More results


Similar Description - 7804

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
EKI-1526 ADVANTECH-EKI-1526 Datasheet
656Kb / 2P
8-port RS-232/422/485 Serial Device Server
logo
Exar Corporation
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Moxa Inc.
5600-DTL MOXA-5600-DTL Datasheet
1Mb / 5P
8-port RS-232/422/485 serial device servers
CP-114UL MOXA-CP-114UL Datasheet
726Kb / 4P
4-port RS-232/422/485 Universal PCI serial boards
CP-118EL-A MOXA-CP-118EL-A Datasheet
979Kb / 4P
8-port RS-232/422/485 PCI Express serial boards
CP-118U MOXA-CP-118U Datasheet
979Kb / 5P
8-port RS-232/422/485 Universal PCI serial boards
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com