Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL109 Datasheet (PDF) - Box enclosures

PBL109 Datasheet PDF - Box enclosures
Part # PBL109
Download  PBL109 Download
File Size   1586.78 Kbytes
Page   1 Pages
Manufacturer  BOX [Box enclosures]
Direct Link  https://www.boxenclosures.com/
Logo BOX - Box enclosures
Description Lagre Pocket Enclosures

PBL109 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL109 Datasheet PDF - Box enclosures

Part # PBL109
Download  PBL109 Click to download

File Size   1586.78 Kbytes
Page   1 Pages
Manufacturer  BOX [Box enclosures]
Direct Link  https://www.boxenclosures.com/
Logo BOX - Box enclosures
Description Lagre Pocket Enclosures

PBL109 Datasheet (HTML) - Box enclosures


PBL109 Product details

DESIGN FEATURES

‘The large pocket-boxes feature a rugged design with a high sealing capacity.
Contains a recessed area for membrane keyboards. Screw bosses for mounting
PCBS in the top and base. Battery compartment for 2 x 1.5V AA batteries or
1X 9V battery. Battery compartment is segmented by an internal rib. Black
Infra-red versions permeable to Infra-red signals available.

NEW- Height Expander Strip option increases listed heights by 0.30"
NEW-See Page 9 for two new sizes.




Similar Part No. - PBL109

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PBL1 MULTICOMP-PBL1 Datasheet
306Kb / 2P
ABS Boxes with Fixing Flanges
08/11/21 V1.0
logo
Banner Engineering Corp...
PBL1100T5X BANNER-PBL1100T5X Datasheet
15Mb / 42P
Fiber Optic Systems
PBL1100TMB5X BANNER-PBL1100TMB5X Datasheet
15Mb / 42P
Fiber Optic Systems
PBL1100UCX BANNER-PBL1100UCX Datasheet
15Mb / 42P
Fiber Optic Systems
PBL1100UHFX BANNER-PBL1100UHFX Datasheet
15Mb / 42P
Fiber Optic Systems
More results


Similar Description - PBL109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G302 ETC1-G302 Datasheet
60Kb / 2P
Multipurpose Enclosures
CH-8BK ETC2-CH-8BK Datasheet
256Kb / 3P
ELECTRONIC ENCLOSURES
RC-3M ETC2-RC-3M Datasheet
142Kb / 2P
Metal Enclosures
logo
Laird Tech Smart Techno...
S2403BP LSTD-S2403BP Datasheet
276Kb / 1P
Polycarbonate enclosures
S8XXXB LSTD-S8XXXB Datasheet
903Kb / 1P
Fiberglass enclosures
logo
Hammond Manufacturing L...
1590A HAMMOND-1590A Datasheet
252Kb / 1P
Enclosures Box
1590N1 HAMMOND-1590N1 Datasheet
215Kb / 1P
Enclosures Box
1590T HAMMOND-1590T Datasheet
239Kb / 1P
Enclosures Box
1590XX HAMMOND-1590XX Datasheet
390Kb / 1P
Enclosures Box
logo
PHOENIX CONTACT
3778 PHOENIX-3778 Datasheet
2Mb / 12P
Electronic enclosures
2018-04-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com