Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN545124 Datasheet (PDF) - Texas Instruments

SN545124 Datasheet PDF - Texas Instruments
Part # SN545124
Download  SN545124 Download
File Size   655.43 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL VOLTAGE-CONTROLLED OSCILLATORS

SN545124 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN545124 Datasheet PDF - Texas Instruments

Part # SN545124
Download  SN545124 Click to download

File Size   655.43 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL VOLTAGE-CONTROLLED OSCILLATORS

SN545124 Datasheet (HTML) - Texas Instruments


SN545124 Product details

Two independent VCOs in a 16-Pin
Package
Output Frequency Set by Single External
Component:
Capacitor for Fixed- or Variable-Frequency
Operation
Separate Supply Voltage Pins for Isolation
of Frequency Control Inputs and Oscillators
from Output Circuitry
Highly Stable Operation over Specified
Temperature and/or Supply Voltage Ranges
Typical fmax ----............ 85 MHz
Typical Power Dissipation ,..... 5256 mW
Frequency Spectrum . . . 1 Hz to 60 MHz

description

The 'S124 features two Independent voltage-
controlled oscilllators {VCO) in a single monalithic
chip. The output frequency of each VCO is established
by an external capacitor in combination with two
voltage-sensitive inputs, one for frequency range and
one for frequency control. These inputs can be used
to vary the output frequency as shown under typical
characteristcs. These highly stable oscillators can be
set to operate at any frequency typically between
0.12 hertz and 85 megahertz. '




Similar Part No. - SN545124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5451 TI-SN5451 Datasheet
221Kb / 7P
AND-OR-INVERT GATES
SN5451 TI-SN5451 Datasheet
886Kb / 25P
AND-OR-INVERT GATES
SN5451 TI1-SN5451 Datasheet
956Kb / 20P
AND-OR-INVERT GATES
SN545134 TI2-SN545134 Datasheet
222Kb / 7P
12-INPUT POSITIVE-NAND GATES WITH 3-STATE OUTPUTS
REVISED MARCH 1988
SN545197 TI2-SN545197 Datasheet
666Kb / 14P
50/30/100-MHz PRESETTABLE DECADE OR BINARY COUNTERS/LATCHES
REVISED MARCH 1988
More results


Similar Description - SN545124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
VOLTAGE-CONTROLLED OSCILLATORS
SN54S124 TI-SN54S124 Datasheet
223Kb / 6P
DUAL VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54S124 TI-SN54S124_08 Datasheet
959Kb / 13P
DUAL VOLTAGE-CONTROLLED OSCILLATORS
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com