Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75ALS160 Datasheet (PDF) - Texas Instruments

SN75ALS160 Datasheet PDF - Texas Instruments
Part # SN75ALS160
Download  SN75ALS160 Download
File Size   694.65 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS

SN75ALS160 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75ALS160 Datasheet PDF - Texas Instruments

Part # SN75ALS160
Download  SN75ALS160 Click to download

File Size   694.65 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS

SN75ALS160 Datasheet (HTML) - Texas Instruments


SN75ALS160 Product details

Suitable for IEEE Standard 488-1978 (GPIB)
8-Channel Bidirectional Transceivers
High-Speed Advanced Low-Power Schottky
(ALS) Circuitry
Low Power Dissipation
. . . 46 mW Max Per Channel
Fast Propagation Times . . . 20 ns Max
High-Impedance pnp Inputs
Receiver Hysteresis . . . 650 mV Typ
Open-Collector Driver Output Option
No Loading of Bus When Device Is
Powered Down (VCC = 0)
Power-Up/Power-Down Protection
(Glitch Free)

description/ordering information
The SN75ALS160 eight-channel general-purpose interface bus transceivers are monolithic, high-speed,
advanced low-power Schottky (ALS) devices designed for two-way data communications over single-ended
transmission lines. This device is designed to meet the requirements of IEEE Standard 488-1978. The
transceivers feature driver outputs that can be operated in either the passive-pullup or 3-state mode. If talk
enable (TE) is high, these ports have the characteristics of passive-pullup outputs when pullup enable (PE) is
low and of 3-state outputs when PE is high. Taking TE low places these ports in the high-impedance state. The
driver outputs are designed to handle loads up to 48 mA of sink current.
An active turn-off feature has been incorporated into the bus-terminating resistors so that the device exhibits
a high impedance to the bus when VCC = 0. When combined with the SN75ALS161 or SN75ALS162 bus
management transceiver, the pair provides the complete 16-wire interface for the IEEE-488 bus.
The SN75ALS160 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN75ALS160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS160 TI-SN75ALS160 Datasheet
192Kb / 12P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160DW TI-SN75ALS160DW Datasheet
192Kb / 12P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160DW TI-SN75ALS160DW Datasheet
478Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160DWE4 TI-SN75ALS160DWE4 Datasheet
478Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Similar Description - SN75ALS160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75161B TI-SN75161B Datasheet
227Kb / 14P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com