Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75ALS170A Datasheet (PDF) - Texas Instruments

SN75ALS170A Datasheet PDF - Texas Instruments
Part # SN75ALS170A
Download  SN75ALS170A Download
File Size   682.18 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE DIFFERENTIAL BUS TRANSCEIVER

SN75ALS170A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75ALS170A Datasheet PDF - Texas Instruments

Part # SN75ALS170A
Download  SN75ALS170A Click to download

File Size   682.18 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE DIFFERENTIAL BUS TRANSCEIVER

SN75ALS170A Datasheet (HTML) - Texas Instruments


SN75ALS170A Product details

Three Bidirectional Transceivers
Driver Meets or Exceeds ANSI Standard
EIA/TIA-422-B and RS-485 and ITU
Recommendation V.11
Two Skew Limits Available
Designed to Operate Up to 20 Million Data
Transfers per Second (FAST-20 SCSI)
High-Speed Advanced Low-Power Schottky
Circuitry
Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
Wide Positive and Negative Input/Output
Bus Voltage Ranges
Driver Output Capacity . . . ±60 mA
Thermal Shutdown Protection
Driver Positive- and Negative-Current
Limiting
Receiver Input Impedances . . . 12 kW Min
Receiver Input Sensitivity . . . ±300 mV Max
Receiver Input Hysteresis . . . 60 mV Typ
Operate From a Single 5-V Supply
Glitch-Free Power-Up and Power-Down
Protection
Feature Independent Direction Controls for
Each Channel

description
The SN75ALS170 and SN75ALS170A triple differential bus transceivers are monolithic integrated circuits
designed for bidirectional data communication on multipoint bus transmission lines. It is designed for balanced
transmission lines and the driver meets ANSI Standards EIA/TIA-422-B and RS-485 and both the driver and
receiver meet ITU Recommendation V.11. The SN75ALS170A is designed for FAST-20 SCSI and can transmit
or receive data pulses as short as 30 ns with a maximum skew of 5 ns.
The SN75ALS170 and SN75ALS170A operate from a single 5-V power supply. The drivers and receivers have
active-high and active-low enables, respectively, which are internally connected together to function as a
direction control. The driver differential outputs and the receiver differential inputs are connected internally to
form differential input/output (I/O) bus ports that are designed to offer minimum loading to the bus when the
driver is disabled or VCC = 0. These ports feature wide positive and negative common-mode voltage ranges
making the device suitable for party-line applications.
The SN75ALS170 and the SN75ALS170A are characterized for operation from 0°C to 70°C.




Similar Part No. - SN75ALS170A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170A TI-SN75ALS170A Datasheet
243Kb / 15P
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170A TI-SN75ALS170A Datasheet
571Kb / 21P
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADW TI-SN75ALS170ADW Datasheet
243Kb / 15P
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADW TI-SN75ALS170ADW Datasheet
571Kb / 21P
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADWE4 TI-SN75ALS170ADWE4 Datasheet
571Kb / 21P
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
More results


Similar Description - SN75ALS170A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170 TI-SN75ALS170 Datasheet
243Kb / 15P
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170 TI-SN75ALS170_08 Datasheet
571Kb / 21P
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS1711 TI1-SN75ALS1711 Datasheet
236Kb / 10P
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com