Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74V263 Datasheet (PDF) - Texas Instruments

SN74V263 Datasheet PDF - Texas Instruments
Part # SN74V263
Download  SN74V263 Download
File Size   766.64 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8192 × 18, 16384 × 18, 32768 × 18, 65536 × 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES

SN74V263 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74V263 Datasheet PDF - Texas Instruments

Part # SN74V263
Download  SN74V263 Click to download

File Size   766.64 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8192 × 18, 16384 × 18, 32768 × 18, 65536 × 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES

SN74V263 Datasheet (HTML) - Texas Instruments


SN74V263 Product details

Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of
–55°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
Choice of Memory Organizations
– SN74V263 – 8192 × 18/16384 × 9
– SN74V273 – 16384 × 18/32768 × 9
– SN74V283 – 32768 × 18/65536 × 9
– SN74V293 – 65536 × 18/131072 × 9
133-MHz Operation
7.5-ns Read/Write Cycle Time
User-Selectable Input and Output Port Bus
Sizing
– ×9 in to ×9 out
– ×9 in to ×18 out
– ×18 in to ×9 out
– ×18 in to ×18 out
Big-Endian/Little-Endian User-Selectable
Byte Representation
5-V-Tolerant Inputs
Fixed, Low First-Word Latency
Zero-Latency Retransmit
Master Reset Clears Entire FIFO
Partial Reset Clears Data, but Retains
Programmable Settings
Empty, Full, and Half-Full Flags Signal FIFO
Status
Programmable Almost-Empty and
Almost-Full Flags; Each Flag Can Default to
One of Eight Preselected Offsets
Selectable Synchronous/Asynchronous
Timing Modes for Almost-Empty and
Almost-Full Flags
Program Programmable Flags by Either
Serial or Parallel Means
Select Standard Timing (Using EF and FF
Flags) or First-Word Fall-Through (FWFT)
Timing (Using OR and IR Flags)
Output Enable Puts Data Outputs in
High-Impedance State
Easily Expandable in Depth and Width
Independent Read and Write Clocks Permit
Reading and Writing Simultaneously
High-Performance Submicron CMOS
Technology
Glueless Interface With ’C6x DSPs
Available in 80-Pin Thin Quad Flat Pack
(TQFP) Package

description/ordering information
The SN74V263, SN74V273, SN74V283, and SN74V293 are exceptionally deep, high-speed, CMOS first-in
first-out (FIFO) memories with clocked read and write controls and a flexible bus-matching ×9/×18 data flow.
There is flexible ×9/×18 bus matching on both read and write ports.
The period required by the retransmit operation is fixed and short.
The first-word data-latency period, from the time the first word is written to an empty FIFO to the time it can be
read, is fixed and short.
These FIFOs are particularly appropriate for network, video, telecommunications, data communications, and
other applications that need to buffer large amounts of data and match buses of unequal sizes.
Each FIFO has a data input port (Dn) and a data output port (Qn), both of which can assume either an 18-bit
or 9-bit width, as determined by the state of external control pins’ input width (IW) and output width (OW) during
the master-reset cycle.
The input port is controlled by write-clock (WCLK) and write-enable (WEN) inputs. Data is written into the FIFO
on every rising edge of WCLK when WEN is asserted. The output port is controlled by read-clock (RCLK) and
read-enable (REN) inputs. Data is read from the FIFO on every rising edge of RCLK when REN is asserted.
An output-enable (OE) input is provided for 3-state control of the outputs.




Similar Part No. - SN74V263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI1-SN74V263 Datasheet
824Kb / 52P
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI2-SN74V263 Datasheet
961Kb / 54P
8192 × 18, 16384 × 18, 32768 × 18, 65536 × 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
REVISED FEBRUARY 2003
SN74V263-10GGM TI-SN74V263-10GGM Datasheet
803Kb / 52P
8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-10PZA TI-SN74V263-10PZA Datasheet
803Kb / 52P
8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
More results


Similar Description - SN74V263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com