Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75C185 Datasheet (PDF) - Texas Instruments

SN75C185 Datasheet PDF - Texas Instruments
Part # SN75C185
Download  SN75C185 Download
File Size   666.26 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER MULTIPLE DRIVERS AND RECEIVERS

SN75C185 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75C185 Datasheet PDF - Texas Instruments

Part # SN75C185
Download  SN75C185 Click to download

File Size   666.26 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER MULTIPLE DRIVERS AND RECEIVERS

SN75C185 Datasheet (HTML) - Texas Instruments


SN75C185 Product details

Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU Recommendation
V.28
Single Chip With Easy Interface Between
UART and Serial-Port Connector
Less Than 9-mW Power Consumption
Wide Driver Supply Voltage . . . 4.5 V to
13.2 V
Driver Output Slew Rate Limited to
30 V/ms Max
Receiver Input Hysteresis . . . 1100 mV Typ
Push-Pull Receiver Outputs
On-Chip Receiver 1-ms Noise Filter
Functionally Interchangeable With Texas
Instruments SN75185
Operates Up to 120 kbit/s Over a 3-Meter
Cable (See Application Information for
Conditions)

description
The SN75C185 is a low-power BiMOS device containing three independent drivers and five receivers that are
used to interface data terminal equipment (DTE) with data circuit-terminating equipment (DCE). Typically, the
SN75C185 replaces one SN75188 and two SN75189 devices. This device conforms to TIA/EIA-232-F. The
drivers and receivers of the SN75C185 are similar to those of the SN75C188 and SN75C189A, respectively.
The drivers have a controlled output slew rate that is limited to a maximum of 30 V/ms, and the receivers have
filters that reject input noise pulses that are shorter than 1 ms. Both these features eliminate the need for external
components.
The SN75C185 uses the low-power BiMOS technology. In most applications, the receivers contained in this
device interface to single inputs of peripheral devices such as ACEs, UARTS, or microprocessors. By using
sampling, such peripheral devices usually are insensitive to the transition times of the input signals. If this is not
the case, or for other uses, it is recommended that the SN75C185 receiver outputs be buffered by single Schmitt
input gates or single gates of the HCMOS, ALS, or 74F logic families.
The SN75C185 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN75C185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185 Datasheet
305Kb / 13P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185 Datasheet
1Mb / 18P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185DW TI-SN75C185DW Datasheet
141Kb / 10P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185DW TI-SN75C185DW Datasheet
305Kb / 13P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
More results


Similar Description - SN75C185

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
Jun-2000
logo
Texas Instruments
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241_06 Datasheet
206Kb / 10P
LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI1-SN75LBC241_14 Datasheet
519Kb / 13P
LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com