Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75C189A Datasheet (PDF) - Texas Instruments

SN75C189A Datasheet PDF - Texas Instruments
Part # SN75C189A
Download  SN75C189A Download
File Size   743.62 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER LINE RECEIVERS

SN75C189A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75C189A Datasheet PDF - Texas Instruments

Part # SN75C189A
Download  SN75C189A Click to download

File Size   743.62 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER LINE RECEIVERS

SN75C189A Datasheet (HTML) - Texas Instruments


SN75C189A Product details

Meet or Exceed the Requirements of
TIA/EIA-232-F and ITU Recommendation
V.28
Low Supply Current . . . 420 mA Typ
Preset On-Chip Input Noise Filter
Built-in Input Hysteresis
Response and Threshold Control Inputs
Push-Pull Outputs
Functionally Interchangeable and
Pin-to-Pin Compatible With
Texas Instruments SN75189/SN75189A and
Motorola MC1489/MC1489A
Package Options Include Plastic
Small-Outline (D) and Shrink Small-Outline
(DB) Packages, and Standard Plastic (N)
DIP

description
The SN75C189 and SN75C189A are low-power, bipolar, quadruple line receivers that are used to interface data
terminal equipment (DTE) with data circuit-terminating equipment (DCE). These devices have been designed
to conform to TIA/EIA-232-F.
The SN75C189 has a 0.33-V typical hysteresis, compared with 0.97 V for the SN75C189A. Each receiver has
provision for adjustment of the overall input threshold levels. This is achieved by choosing external series
resistors and voltages to provide bias levels for the response-control pins. The output is in the high logic state
if the input is open circuit or shorted to ground.
These devices have an on-chip filter that rejects input pulses of less than 1-ms duration. An external capacitor
can be connected from the control pins to ground to provide further input noise filtering for each receiver.
The SN75C189 and SN75C189A have been designed using low-power techniques in a bipolar technology. In
most applications, these receivers interface to single inputs of peripheral devices such as UARTs, ACEs, or
microprocessors. By using sampling, such peripheral devices usually are insensitive to the transition times of
the input signals. If this is not the case, or for other uses, it is recommended that the SN75C189 and SN75C189A
outputs be buffered by single Schmitt input gates or single gates of the HCMOS, ALS, or 74F logic families.
The SN75C189 and SN75C189A are characterized for operation from 0°C to 70°C.




Similar Part No. - SN75C189A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C189A TI-SN75C189A Datasheet
150Kb / 11P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189A TI-SN75C189A Datasheet
397Kb / 17P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189A TI-SN75C189A Datasheet
564Kb / 20P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189A TI-SN75C189A Datasheet
594Kb / 20P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189AD TI-SN75C189AD Datasheet
150Kb / 11P
QUADRUPLE LOW-POWER LINE RECEIVERS
More results


Similar Description - SN75C189A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
QUADRUPLE LINE RECEIVERS
SN65LBC173 TI-SN65LBC173 Datasheet
156Kb / 10P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC175 TI-SN65LBC175 Datasheet
157Kb / 10P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN75C189 TI-SN75C189 Datasheet
150Kb / 11P
QUADRUPLE LOW-POWER LINE RECEIVERS
logo
List of Unclassifed Man...
GD75189A ETC-GD75189A Datasheet
493Kb / 3P
QUADRUPLE LINE RECEIVERS
logo
Texas Instruments
SN75C189 TI-SN75C189_06 Datasheet
397Kb / 17P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_07 Datasheet
564Kb / 20P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_08 Datasheet
594Kb / 20P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN65LBC175DW TI1-SN65LBC175DW Datasheet
639Kb / 16P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC173 TI1-SN65LBC173_08 Datasheet
363Kb / 14P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com