Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75C198 Datasheet (PDF) - Texas Instruments

SN75C198 Datasheet PDF - Texas Instruments
Part # SN75C198
Download  SN75C198 Download
File Size   551.81 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER LINE DRIVERS

SN75C198 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75C198 Datasheet PDF - Texas Instruments

Part # SN75C198
Download  SN75C198 Click to download

File Size   551.81 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LOW-POWER LINE DRIVERS

SN75C198 Datasheet (HTML) - Texas Instruments


SN75C198 Product details

Meets ANSI EIA/TIA-232-E and ITU
Recommendation V.28
Very Low Supply Current
Sleep Mode:
3-State Outputs in High-Impedance State
Ultra-Low Supply Current . . . 17 mA Typ
Improved Functional Replacement for:
SN75188,
Motorola MC1488,
National Semiconductor DS14C88, and
DS1488
CMOS- and TTL-Compatible Data Inputs
On-Chip Slew-Rate Limit . . . 30 V/ms
Output Current Limit . . . 10 mA Typ
Wide Supply Voltage Range . . . ±4.5 V
to ±15 V

description
The SN75C198 is a monolithic low-power BI-MOS device containing four low-power line drivers designed to
interface data terminal equipment (DTE) with data circuit-terminating equipment (DCE) in conformance with the
specifications of ANSI EIA/TIA-232-E. The drivers of the SN75C198 are similar to those of the SN75C188
quadruple driver. The drivers have a controlled-output slew rate that is limited to a maximum of 30 V/ms. This
feature eliminates the need for external components.
The sleep-mode input, SM, can switch the outputs to high impedance, which avoids the transmission of
corrupted data during power-up and allows significant system power savings during data-off periods.
The SN75C198 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN75C198

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C198 TI-SN75C198 Datasheet
207Kb / 12P
QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198D TI-SN75C198D Datasheet
207Kb / 12P
QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198D TI1-SN75C198D Datasheet
694Kb / 18P
QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DE4 TI1-SN75C198DE4 Datasheet
694Kb / 18P
QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DG4 TI1-SN75C198DG4 Datasheet
694Kb / 18P
QUADRUPLE LOW-POWER LINE DRIVERS
More results


Similar Description - SN75C198

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1488 TI-MC1488 Datasheet
133Kb / 8P
QUADRUPLE LINE DRIVERS
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN75C188 TI-SN75C188 Datasheet
166Kb / 10P
QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198 TI-SN75C198 Datasheet
207Kb / 12P
QUADRUPLE LOW-POWER LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
QUADRUPLE LINE DRIVERS
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
QUADRUPLE LOW-POWER LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
QUADRUPLE LINE DRIVERS
SN75C198DR TI1-SN75C198DR Datasheet
694Kb / 18P
QUADRUPLE LOW-POWER LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
QUADRUPLE LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com