Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75C3238 Datasheet (PDF) - Texas Instruments

SN75C3238 Datasheet PDF - Texas Instruments
Part # SN75C3238
Download  SN75C3238 Download
File Size   539.04 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER

SN75C3238 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75C3238 Datasheet PDF - Texas Instruments

Part # SN75C3238
Download  SN75C3238 Click to download

File Size   539.04 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER

SN75C3238 Datasheet (HTML) - Texas Instruments


SN75C3238 Product details

Auto-powerdown Plus
Operate With 3-V to 5.5-V VCC Supply
Always-Active Noninverting Receiver
Output (ROUT1B)
Support Operation From 250 kbit/s to
1 Mbit/s
Low Standby Current . . . 1 μA Typ
External Capacitors . . . 4 × 0.1 μF
Accept 5-V Logic Input With 3.3-V Supply
Inter-Operable With SN65C3243,
SN75C3243
RS-232 Bus-Pin ESD Protection Exceeds
±15-kV Using Human-Body Model (HBM)
Applications
− Battery-Powered Systems, PDAs,
Notebooks, Sub-Notebooks, Laptops,
Palmtop PCs, Hand-Held Equipment,
Modems, and Printers

description/ordering information
The ’C3238 devices consist of five line drivers, three line receivers, and a dual charge-pump circuit with ±15-kV
ESD protection pin to pin (serial-port connection pins, including GND). The charge pump and four small external
capacitors allow operation from a single 3-V to 5.5-V supply. In addition, these devices include an always-active
noninverting output (ROUT1B), which allows applications using the ring indicator to transmit data while the
device is powered down. These devices operate at data signaling rates up to 1 Mbit/s and at an increased
slew-rate range of 24 V/μs to 150 V/μs.




Similar Part No. - SN75C3238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C3238 TI-SN75C3238 Datasheet
314Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
307Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
371Kb / 20P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
459Kb / 18P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
SN75C3238 TI-SN75C3238 Datasheet
491Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Similar Description - SN75C3238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
314Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232 TI-SN65C3232_07 Datasheet
376Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3243 TI-TRSF3243 Datasheet
421Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IPWR TI-TRSF3232IPWR Datasheet
512Kb / 13P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3222 TI1-SN65C3222_16 Datasheet
1Mb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com