Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65C23243 Datasheet (PDF) - Texas Instruments

SN65C23243 Datasheet PDF - Texas Instruments
Part # SN65C23243
Download  SN65C23243 Download
File Size   570.44 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V T0 5.5-V DUAL RS-232 PORT

SN65C23243 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65C23243 Datasheet PDF - Texas Instruments

Part # SN65C23243
Download  SN65C23243 Click to download

File Size   570.44 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V T0 5.5-V DUAL RS-232 PORT

SN65C23243 Datasheet (HTML) - Texas Instruments


SN65C23243 Product details

Single-Chip and Single-Supply Interface for
Two IBM PC/AT Serial Ports
Meet or Exceed the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
Operate With 3-V to 5.5-V VCC Supply
Always-Active Noninverting Receiver
Output (ROUT2) Per Port
Operate Up To 250 kbit/s
Low Standby Current . . . 1 μA Typical
External Capacitors . . . 4 × 0.22 μF
Accept 5-V Logic Input With 3.3-V Supply
Allow for Flexible Power Down of Either
Serial Port
Serial-Mouse Driveability
RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
Applications
− Battery-Powered Systems, Notebooks,
Laptops, Palmtop PCs, and Hand-Held
Equipment

description/ordering information
The SN65C23243 and SN75C23243 consist of
two ports, each containing three line drivers and
five line receivers, and a dual charge-pump circuit
with ±15-kV ESD protection pin to pin (serial-port
connection pins, including GND). These devices meet the requirements of TIA/EIA-232-F and provide the
electrical interface between an asynchronous communication controller and the serial-port connector. This
combination of drivers and receivers matches that needed for two typical serial ports used in an IBM PC/AT, or
compatible. The charge pump and four small external capacitors allow operation from a single 3-V to 5.5-V
supply. In addition, these devices include an always-active noninverting output (ROUT2) per port, which allows
applications using the ring indicator to transmit data while the devices are powered down. The devices operate
at data signaling rates up to 250 kbit/s and a maximum of 30-V/μs driver output slew-rate.




Similar Part No. - SN65C23243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C23243 TI-SN65C23243 Datasheet
254Kb / 15P
3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243 Datasheet
257Kb / 17P
3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI1-SN65C23243 Datasheet
446Kb / 19P
3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243DGGR TI-SN65C23243DGGR Datasheet
254Kb / 15P
3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243DGGR TI-SN65C23243DGGR Datasheet
257Kb / 17P
3-V TO 5.5-V DUAL RS-232 PORT
More results


Similar Description - SN65C23243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN65C23243 TI-SN65C23243 Datasheet
254Kb / 15P
3-V TO 5.5-V DUAL RS-232 PORT
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN65C23243 TI-SN65C23243_06 Datasheet
257Kb / 17P
3-V TO 5.5-V DUAL RS-232 PORT
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
3-V TO 5.5-V DUAL RS-232 PORT
SN65C3238E TI1-SN65C3238E_14 Datasheet
575Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
TRSF3243 TI1-TRSF3243_15 Datasheet
798Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
SN65C23243 TI1-SN65C23243_08 Datasheet
446Kb / 19P
3-V TO 5.5-V DUAL RS-232 PORT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com