Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65LBC171 Datasheet (PDF) - Texas Instruments

SN65LBC171 Datasheet PDF - Texas Instruments
Part # SN65LBC171
Download  SN65LBC171 Download
File Size   404.08 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE DIFFERENTIAL TRANSCEIVERS

SN65LBC171 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LBC171 Datasheet PDF - Texas Instruments

Part # SN65LBC171
Download  SN65LBC171 Click to download

File Size   404.08 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE DIFFERENTIAL TRANSCEIVERS

SN65LBC171 Datasheet (HTML) - Texas Instruments


SN65LBC171 Product details

Three Differential Transceivers in One
Package
Signaling Rates1 Up to 30 Mbps
Low Power and High Speed
Designed for TIA/EIA-485, TIA/EIA-422, ISO
8482, and ANSI X3.277 (HVD SCSI Fast–20)
Applications
Common-Mode Bus Voltage Range
–7 V to 12 V
ESD Protection on Bus Terminals
Exceeds 12 kV
Driver Output Current up to ±60 mA
Thermal Shutdown Protection
Driver Positive and Negative Current
Limiting
Power-Up, Power-Down Glitch-Free
Operation
Pin-Compatible With the SN75ALS171
Available in Shrink Small-Outline Package

description
The SN65LBC171 and SN75LBC171 are
monolithic integrated circuits designed for
bidirectional data communication on multipoint
bus-transmission lines. Potential applications
include serial or parallel data transmission, cabled
peripheral buses with twin axial, ribbon, or
twisted-pair cabling. These devices are suitable
for FAST–20 SCSI and can transmit or receive
data pulses as short as 25 ns, with skew less than
3 ns.
These devices combine three 3-state differential
line drivers and three differential input line
receivers, all of which operate from a single 5-V
power supply.
The driver differential outputs and the receiver differential inputs are connected internally to form three
differential input/output (I/O) bus ports that are designed to offer minimum loading to the bus whenever the driver
is disabled or VCC = 0. These ports feature a wide common-mode voltage range making the device suitable for
party-line applications over long cable runs.
The SN75LBC171 is characterized for operation over the temperature range of 0°C to 70°C. The SN65LBC171
is characterized for operation over the temperature range of –40°C to 85°C.




Similar Part No. - SN65LBC171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI1-SN65LBC171 Datasheet
471Kb / 20P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171DB TI-SN65LBC171DB Datasheet
289Kb / 18P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171DB TI1-SN65LBC171DB Datasheet
471Kb / 20P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171DBG4 TI1-SN65LBC171DBG4 Datasheet
471Kb / 20P
TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Similar Description - SN65LBC171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
Differential Bus Transceivers
logo
Texas Instruments
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC171 TI1-SN65LBC171_09 Datasheet
471Kb / 20P
TRIPLE DIFFERENTIAL TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com