Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1645 Datasheet (PDF) - Adafruit Industries

1645 Datasheet PDF - Adafruit Industries
Part # 1645
Download  1645 Download
File Size   84.02 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Flex Cable for Raspberry Pi Camera - 50mm / 2"

1645 Datasheet (PDF)

Go To PDF Page Download Datasheet
1645 Datasheet PDF - Adafruit Industries

Part # 1645
Download  1645 Click to download

File Size   84.02 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Flex Cable for Raspberry Pi Camera - 50mm / 2"

1645 Datasheet (HTML) - Adafruit Industries


1645 Product details

o Dimensions: 50mm x 16mm (2" x 0.6")
o Weight: 0.4g




Similar Part No. - 1645

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1645 HAMMOND-1645 Datasheet
319Kb / 2P
Push - Pull Audiophile - Output (1608-1650 A Series)
logo
Keystone Electronics Co...
1645 KEYSTONE-1645 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
RAF ELECTRONIC HARDWARE
1645-440-AL RAF-1645-440-AL Datasheet
133Kb / 1P
3/16 ROUND FEMALE STANDOFFS
logo
PHOENIX CONTACT
1645008 PHOENIX-1645008 Datasheet
61Kb / 4P
Housing - HC-B 10-TFQ-72/O1STM25S
1645011 PHOENIX-1645011 Datasheet
85Kb / 3P
HC-B 10-TFQ-72/O1STM32G
More results


Similar Description - 1645

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1731 ETC2-1731 Datasheet
82Kb / 1P
Flex Cable for Raspberry Pi Camera - 24 / 610mm
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
Future Technology Devic...
TTL-232R-RPI FTDI-TTL-232R-RPI Datasheet
495Kb / 12P
TTL-232R-RPi Debug Cable for Raspberry Pi
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com