Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1665 Datasheet (PDF) - Adafruit Industries

1665 Datasheet PDF - Adafruit Industries
Part # 1665
Download  1665 Download
File Size   171.19 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 6-pin JST SM Plug Receptacle Cable Set

1665 Datasheet (PDF)

Go To PDF Page Download Datasheet
1665 Datasheet PDF - Adafruit Industries

Part # 1665
Download  1665 Click to download

File Size   171.19 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 6-pin JST SM Plug Receptacle Cable Set

1665 Datasheet (HTML) - Adafruit Industries


1665 Product details

o JST SM plug + receptacle connector: JST SM connector datasheet
o Length: 162mm / 6.4"
o Weight (female / male): 5.1g / 5.6g




Similar Part No. - 1665

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1665 ETC2-1665 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
1665 ETC2-1665 Datasheet
530Kb / 1P
Constant voltage (CV) operation
logo
Heyco.
1665 HEYCO-1665 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
Keystone Electronics Co...
1665 KEYSTONE-1665 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Multicomp Pro
1665 MULTICOMP-1665 Datasheet
209Kb / 1P
Crimp and Seal Terminal Kit - 115 Pcs
23/08/12 V1.0
More results


Similar Description - 1665

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AHD16-6-12S AMPHENOL-AHD16-6-12S Datasheet
77Kb / 1P
6-PIN SMOOTH SHELL PLUG
logo
OptoSupply Internationa...
AC8221020 OPTOSUPPLY-AC8221020 Datasheet
580Kb / 1P
JST compatible female socket to 4-pin socket cable wire
AC8521020 OPTOSUPPLY-AC8521020 Datasheet
586Kb / 1P
JST compatible female socket to DC plug cable wire.
logo
List of Unclassifed Man...
426050300-3 ETC2-426050300-3 Datasheet
10Kb / 2P
CABLE: CABLE-JST XHP 5WAY, 300mm
logo
SparkFun Electronics
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
JST-PH Male to JST-SM Female Adapter
8????8
PRT-14708 SPARKFUN-PRT-14708 Datasheet
200Kb / 1P
JST PH Female to JST SM Male Adapter
8-6-18
PRT-14998 SPARKFUN-PRT-14998 Datasheet
82Kb / 1P
JST-PH Male to JST-SM Male Adapter - 100mm
11????8
PRT-14999 SPARKFUN-PRT-14999 Datasheet
106Kb / 2P
JST-PH Female to JST-SM Female Adapter - 100mm
11????8
logo
PHOENIX CONTACT
1605852 PHOENIX-1605852 Datasheet
62Kb / 3P
Cable plug-in connector - SM-7ES1N8A8003
22.04.2013
logo
SparkFun Electronics
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com