Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGA676 Datasheet (PDF) - OSRAM GmbH

LGA676 Datasheet PDF - OSRAM GmbH
Part # LGA676
Download  LGA676 Download
File Size   406.62 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Lead (Pb) Free Product - RoHS Compliant

LGA676 Datasheet (PDF)

Go To PDF Page Download Datasheet
LGA676 Datasheet PDF - OSRAM GmbH

Part # LGA676
Download  LGA676 Click to download

File Size   406.62 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Lead (Pb) Free Product - RoHS Compliant

LGA676 Datasheet (HTML) - OSRAM GmbH


LGA676 Product details

Features
• package: white SMT package, colorless clear
   resin
• feature of the device: radiation direction
   parallel to PCB, so an ideal LED for coupling into
   light guides
• wavelength: 570 nm (green),
   560 nm (pure green)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP (green, pure green)
• optical efficiency: 5 lm/W (green),
   1.5 lm/W (pure green)
• grouping parameter: luminous intensity,
   wavelength
• assembly methods: suitable for all
   SMT assembly methods
• soldering methods: IR reflow soldering and
   TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 12 mm tape with 2000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to
   JESD22-A114-B

Applications
• indoor and outdoor displays
• optical indicators
• backlighting (LCD, cellular phones, switches,
   keys, displays, illuminated advertising, general
   lighting)
• interior automotive lighting
   (e.g. dashboard backlighting)
• marker lights (e.g. steps, exit ways, etc.)
• coupling into light guides
• light writing displays
• signal and symbol luminaire




Similar Part No. - LGA676

ManufacturerPart #DatasheetDescription
logo
ams AG
LGA676 AMSCO-LGA676 Datasheet
1Mb / 21P
SIDELED®
Version 1.3 2019-07-16
LGA676-P1Q2-24 AMSCO-LGA676-P1Q2-24 Datasheet
1Mb / 21P
SIDELED®
Version 1.3 2019-07-16
More results


Similar Description - LGA676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com