Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1779 Datasheet (PDF) - Adafruit Industries

1779 Datasheet PDF - Adafruit Industries
Part # 1779
Download  1779 Download
File Size   122.59 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description OctoWS2811 Adapter for Teensy 3.1 - Control tons of NeoPixels!

1779 Datasheet (PDF)

Go To PDF Page Download Datasheet
1779 Datasheet PDF - Adafruit Industries

Part # 1779
Download  1779 Click to download

File Size   122.59 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description OctoWS2811 Adapter for Teensy 3.1 - Control tons of NeoPixels!

1779 Datasheet (HTML) - Adafruit Industries


1779 Product details

o Four self-threading screws
o Eight LED outputs
o Dimensions:
o 56mm x 34mm x 2mm / 2.2" x 1.3" x .08"
o Height with Ethernet Outlets: 15mm / 0.6"
o Weight: 11.1g




Similar Part No. - 1779

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1779037 PHOENIX-1779037 Datasheet
189Kb / 4P
CD BASE 40X80 WH - Cable duct
1779038 PHOENIX-1779038 Datasheet
188Kb / 4P
CD BASE 40X60 WH - Cable duct
1779064 PHOENIX-1779064 Datasheet
262Kb / 11P
MCV 1,5/ 2-GF-3,5 P26 THR
1779077 PHOENIX-1779077 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 2-GF-3,5 P26THRR32
1779080 PHOENIX-1779080 Datasheet
75Kb / 4P
Printed-circuit board connector - MCV 1,5/ 3-GF-3,5 P26 THR
More results


Similar Description - 1779

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-11781 SPARKFUN-DEV-11781 Datasheet
102Kb / 1P
Teensy 2.0
10/22/2015
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-15046 SPARKFUN-DEV-15046 Datasheet
191Kb / 3P
SmartLED Shield V4 for Teensy
11??2??8
DEV-15583 SPARKFUN-DEV-15583 Datasheet
167Kb / 3P
Teensy 4.0
8??3??9
DEV-15845 SPARKFUN-DEV-15845 Datasheet
268Kb / 2P
Teensy Audio Adapter Board (Rev D)
12??2??9
DEV-16771 SPARKFUN-DEV-16771 Datasheet
927Kb / 3P
Teensy 4.1
5??8??0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com